Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIML-0603-R27 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AIML-0603-R27
Description  MULTILAYER FERRITE CHIP INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIML-0603-R27 Datasheet(HTML) 3 Page - Abracon Corporation

  AIML-0603-R27 Datasheet HTML 1Page - Abracon Corporation AIML-0603-R27 Datasheet HTML 2Page - Abracon Corporation AIML-0603-R27 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MULTILAYER FERRITE CHIP INDUCTOR
|||||||||||||| |
AIML-0603
1.6 x 0.8 x 0.8mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 01.26.12
Visit www.abracon.com for Terms & Conditions of Sale
TAPE & REEL: T: 4,000pcs / reel
Codes
A
B
C
D
E
F
G
H
ΦJ
t(max)
AIML-0603
1.05±0.10
1.9±0.10
8.0±0.3
3.5±0.05
1.75±0.1
4.0±0.05
2.0±0.05
4.0±0.1
1.5+0.1/-0
1.0±0.05
Peeling strength of cover tape
0.3~0.7N (30gf~70gf)
Test condition:
1) peel angle: 165°~180° vs. carrier tape.
2) peel speed: 300 mm/min±10%.
A
178±2
B
60±2
C
13.0±0.5
D
21.0±0.8
E
2.0±0.5
W
10.0±1.15
t
1.2±0.2
R
1.0±0.25
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com