Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0402F Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0402F
Description  FERRITE WIRE WOUND INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0402F Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0402F Datasheet HTML 1Page - Abracon Corporation AISC-0402F Datasheet HTML 2Page - Abracon Corporation AISC-0402F Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FERRITE WIRE WOUND INDUCTORS
AISC-0402F
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.1 x 0.6 x 0.6mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
• Camcorders, LED TVs and other electronic devices
• Higher inductance values than other 0402 inductors
• Ferrite construction for high current rating
• Inductance values: 18nH – 200nH; 5% tolerance available
Revised: 09.29.14
Pb RoHS/RoHS II Compliant
Operating Temperature: -40ºC to +85ºC
Storage Temperature: -10ºC to +40ºC, 70% RH max. in tape and reel
PART NUMBER IDENTIFICATION
Part Number
AISC-0402F-
Inductance Code
Inductance
Tolerance
L Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
MHz
Ω
mA
MHz
Symbol
L
-
Freq.
DCR
Ir
S.R.F
AISC-0402F-18N
18
J, K, M
100
0.046
1400
3000
AISC-0402F-33N
33
J, K, M
100
0.065
1300
1800
AISC-0402F-48N
48
J, K, M
100
0.078
1100
1400
AISC-0402F-70N
70
J, K, M
100
0.120
820
1300
AISC-0402F-96N
96
J, K, M
100
0.160
730
1100
AISC-0402F-R13
130
J, K, M
100
0.230
640
1000
AISC-0402F-R16
160
J, K, M
100
0.330
480
900
AISC-0402F-R22
200
J, K, M
100
0.470
390
800
Test Equipment
Inductance (L): Agilent 4287A+Agilent 16197A or equivalent, -13dBm or 10mA
DC Resistance (DCR): HIOKI 3540 or equivalent
Q Factor (Q): Agilent4287A+Agilent16197A or equivalent, -13dBm or 10mA
Self-Resonant Frequency (SRF): Agilent4991B+Agilent16197A and HP 8753E or equivalent, -20dBm or
50mV
Rated Current (Ir): Ir is direct electric current as chip surface temperature rose just 40oC against
chip initial surface temperature
AISC-0402F-
-
Inductance Code
Tolerance
Code
Packaging
Please refer to the Table
J: ± 5%
T: 10kpcs/reel
K: ± 10%
M: ± 20%


Similar Part No. - AISC-0402F

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0402 ABRACON-AISC-0402 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0402 ABRACON-AISC-0402 Datasheet
1Mb / 5P
Ceramic Wire Wound Inductors
1-21-21
AISC-0402-10N-J ABRACON-AISC-0402-10N-J Datasheet
1Mb / 5P
Ceramic Wire Wound Inductors
1-21-21
AISC-0402HP ABRACON-AISC-0402HP Datasheet
1Mb / 4P
HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
04.06.13
AISC-0402HP-10N ABRACON-AISC-0402HP-10N Datasheet
1Mb / 4P
HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
04.06.13
More results

Similar Description - AISC-0402F

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
logo
Abracon Corporation
AISC-0603F ABRACON-AISC-0603F Datasheet
2Mb / 3P
FERRITE WIRE WOUND INDUCTORS
10.11.13
AISC-1210HS ABRACON-AISC-1210HS Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com