Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0603F-R10 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0603F-R10
Description  FERRITE WIRE WOUND INDUCTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603F-R10 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0603F-R10 Datasheet HTML 1Page - Abracon Corporation AISC-0603F-R10 Datasheet HTML 2Page - Abracon Corporation AISC-0603F-R10 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FERRITE WIRE WOUND INDUCTORS
AISC-0603F
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.6 x 1.0 x 1.0mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
• Camcorders, LED TVs and other electronic devices
• Higher inductance values than other 0603 inductors
• Ferrite construction for high current rating
• Inductance values: 47 nH – 22 μH; 5% tolerance available
Revised: 10.11.13
Pb RoHS/RoHS II Compliant
Part Number
AISC-0603F-
Inductance Code
Inductance
Tolerance
L Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
MHz
Ω
mA
MHz
Symbol
L
-
Freq.
DCR
Ir
S.R.F
AISC-0603F-47N
47
J, K, M
7.9
0.06
1200
2350
AISC-0603F-51N
51
J, K, M
7.9
0.07
1050
2300
AISC-0603F-R10
100
K, M
7.9
0.11
850
1370
AISC-0603F-R12
120
J, K, M
7.9
0.18
670
1340
AISC-0603F-R15
150
J, K, M
7.9
0.12
820
1260
AISC-0603F-R18
180
J, K, M
7.9
0.19
670
1060
AISC-0603F-R20
200
J, K, M
7.9
0.14
740
1030
AISC-0603F-R22
220
J, K, M
7.9
0.20
650
850
AISC-0603F-R24
240
J, K, M
7.9
0.17
690
800
AISC-0603F-R25
250
J, K, M
7.9
0.17
690
910
AISC-0603F-R27
270
J, K, M
7.9
0.24
630
780
AISC-0603F-R33
330
J, K, M
7.9
0.29
510
730
AISC-0603F-R39
390
J, K, M
7.9
0.33
490
750
AISC-0603F-R47
470
J, K, M
7.9
0.37
470
670
AISC-0603F-R50
500
J, K, M
7.9
0.45
410
610
AISC-0603F-R56
560
J, K, M
7.9
0.51
380
590
AISC-0603F-R62
620
J, K, M
7.9
0.48
390
570
AISC-0603F-R65
650
J, K, M
7.9
0.61
350
550
AISC-0603F-R68
680
J, K, M
7.9
0.77
310
520
AISC-0603F-R78
780
J, K, M
7.9
0.83
300
480
AISC-0603F-R82
820
J, K, M
7.9
0.88
290
500
AISC-0603F-1R0
1000
J, K, M
7.9
0.94
280
410
AISC-0603F-1R2
1200
J, K, M
7.9
1.10
260
370
AISC-0603F-1R5
1500
J, K, M
7.9
1.30
240
340
AISC-0603F-1R8
1800
J, K, M
7.9
1.40
230
190
AISC-0603F-2R2
2200
J, K, M
7.9
1.50
220
120
AISC-0603F-2R7
2700
J, K, M
7.9
1.60
210
70
AISC-0603F-3R3
3300
J, K, M
7.9
1.80
200
60
AISC-0603F-3R9
3900
J, K, M
7.9
1.90
190
50
AISC-0603F-4R7
4700
J, K, M
7.9
2.70
160
50
AISC-0603F-5R6
5600
J, K, M
7.9
3.00
150
40
AISC-0603F-6R8
6800
J, K, M
7.9
4.00
130
40
AISC-0603F-7R8
7800
J, K, M
7.9
4.40
120
40
AISC-0603F-8R2
8200
J, K, M
7.9
4.50
110
40
AISC-0603F-100
10000
J, K, M
2.5
5.00
100
30
AISC-0603F-150
15000
J, K, M
2.5
9.50
90
20
AISC-0603F-180
18000
J, K, M
2.5
10.40
80
20
AISC-0603F-220
22000
J, K, M
2.5
11.40
70
20


Similar Part No. - AISC-0603F-R10

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0603 ABRACON-AISC-0603 Datasheet
98Kb / 1P
SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0603-R0018 ABRACON-AISC-0603-R0018 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0027 ABRACON-AISC-0603-R0027 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0033 ABRACON-AISC-0603-R0033 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0036 ABRACON-AISC-0603-R0036 Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
More results

Similar Description - AISC-0603F-R10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
Molded Wire Wound Ferrite Chip Inductors
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
SMD Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
SMD WIRE WOUND FERRITE CHIP INDUCTORS
logo
Abracon Corporation
AISC-0402F ABRACON-AISC-0402F Datasheet
1Mb / 3P
FERRITE WIRE WOUND INDUCTORS
09.29.14
AISC-1210HS ABRACON-AISC-1210HS Datasheet
1Mb / 4P
Wire Wound Inductors (Ferrite Base)
12.08.11
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com