Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-0805LP Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-0805LP
Description  LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0805LP Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-0805LP Datasheet HTML 1Page - Abracon Corporation AISC-0805LP Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
| | | | | | | | | | | | | | |
AISC-0805LP
APPLICATIONS:
FEATURES:
2.29 x 1.73 x 1.03mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
• Widely applied in the VCO, RF module, remote
controller and security system
• Cellular Phone (CDMA/GSM/PHS), Wireless PDA,
• Base Station, Repeater, GPS Receiver
• CATV Filter, Tuner, Set Top Box, Cable Modem/XDSL Tuner
• USB 2.0, IEEE 1394
• Wire wound Ceramic Construction Provides
High SRFs and Exceptional Q Values
• Outstanding Endurance from Pull-up Force,
Mechanical Shock and Pressure
• Tighter Tolerance of ±2%, Low Profile Construction
• Working Temperature Range : -40 °C ~ 125 °C
ELECTRICAL SPECIFICATIONS:
Test Equipment
OPTIONS AND PART IDENTIFICATION
PARAMETERS
ABRACON P/N: AISC-0805LP Series
Operating temperature: -40°C to + 125°C
Storage temperature: -40°C to + 85°C, 70% RH max.
Revised: 08.18.09
1.For SMT inductor, the inductance value(L) is measured by using HP4291B impedance analyzer
2. RDC measured by using Micro-ohm meter (GOM-801G)
3.For SMT inductor , the quality factor (Q) is measured by using HP4291B impedance analyzer
4.For SMT inductor ,SRF is measured by using HP8753 network analyzer
G
±2%
T
Tape & Reel
J
±5%
K
±10%
Inductance Code
Tolerance Code
Please refer to the Table
Packaging Code
AISC - 0805LP -
-
-
SRF
RDC
IDC
x
a
M
x
a
M
n
i
M
e
c
n
a
r
e
l
o
T
(±%)
(GHz)
((
))
(mA)
k
c
a
l
B
0
0
8
3
0
.
0
4
.
9
K
n
w
o
r
B
0
0
8
6
0
.
0
1
.
6
K
,
J
d
e
R
0
0
8
6
0
.
0
5
.
5
K
,
J
e
g
n
a
r
O
0
0
8
8
0
.
0
5
.
5
K
,
J
w
o
ll
e
Y
0
0
8
8
0
.
0
8
.
4
K
,
J
,
G
n
e
e
r
G
0
0
8
8
0
.
0
3
.
3
K
,
J
,
G
e
u
l
B
0
0
8
1
.
0
8
.
3
K
,
J
,
G
t
e
l
o
i
V
0
0
8
1
.
0
5
9
.
2
K
,
J
,
G
y
a
r
G
0
0
8
3
1
.
0
1
.
3
K
,
J
,
G
ti
h
W
0
0
8
5
1
.
0
9
.
2
K
,
J
,
G
k
c
a
l
B
0
0
6
3
2
.
0
5
4
.
2
K
,
J
,
G
n
w
o
r
B
0
0
6
8
2
.
0
5
3
.
2
K
,
J
,
G
d
e
R
0
0
6
3
3
.
0
2
.
2
K
,
J
,
G
e
g
n
a
r
O
0
0
6
9
3
.
0
2
K
,
J
,
G
w
o
ll
e
Y
0
0
5
9
3
.
0
5
8
.
1
K
,
J
,
G
n
e
e
r
G
0
0
5
4
.
0
5
.
1
K
,
J
,
G
e
u
l
B
0
0
5
4
4
.
0
5
.
1
K
,
J
,
G
t
e
l
o
i
V
0
0
4
4
6
.
0
2
.
1
K
,
J
,
G
y
a
r
G
0
0
3
8
6
.
0
5
1
.
1
K
,
J
,
G
ti
h
W
0
0
3
8
.
0
5
0
.
1
K
,
J
,
G
k
c
a
l
B
7
.
1
5
.
3
8
0
.
0
K
,
J
,
G
AISC-0805LP-82N
AISC-0805LP-R10
AISC-0805LP-R12
AISC-0805LP-R15
AISC-0805LP-39N
AISC-0805LP-47N
AISC-0805LP-56N
AISC-0805LP-68N
AISC-0805LP-18N
AISC-0805LP-22N
AISC-0805LP-27N
AISC-0805LP-33N
AISC-0805LP-8N2
AISC-0805LP-10N
AISC-0805LP-12N
AISC-0805LP-15N
AISC-0805LP-1N8
AISC-0805LP-3N9
AISC-0805LP-4N7
AISC-0805LP-6N8
55 @ 750 MHz
Inductance (L)
@Test Freq.
(nH)
10 @ 250 MHz
12 @ 250 MHz
@Test Freq.
Q, Min
55 @ 1500 MHz
60 @ 1000 MHz
50 @ 1000 MHz
50 @ 1000 MHz
50 @ 1000 MHz
55 @ 750 MHz
40 @ 250 MHz
16 @ 50 MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
40 @ 250 MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500MHz
50 @ 500 MHz
50 @ 500 MHz
50 @ 500MHz
50 @ 500MHz
1000 @ 25 MHz
AISC-0805LP-1R0
68 @ 200 MHz
82 @ 150 MHz
120 @ 150 MHz
150 @ 150 MHz
1.8 @ 250 MHz
3.9 @ 250 MHz
4.7@ 250 MHz
6.8 @ 250 MHz
8.2 @ 250 MHz
15 @ 250 MHz
18 @ 250 MHz
100 @ 150 MHz
22 @ 250 MHz
27 @ 250 MHz
33 @ 250 MHz
39 @ 250 MHz
47 @ 200 MHz
56 @ 200 MHz
Part Number
Color
Code


Similar Part No. - AISC-0805LP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0805L ABRACON-AISC-0805L Datasheet
231Kb / 1P
SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
More results

Similar Description - AISC-0805LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Filtran LTD
8432 FILTRAN-8432 Datasheet
176Kb / 5P
WIRE WOUND Ceramic Chip Inductor
logo
Abracon Corporation
AISC-0805(F) ABRACON-AISC-0805(F) Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
04.15.11
AISC-1008(F) ABRACON-AISC-1008(F) Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
AISC-0805-F ABRACON-AISC-0805-F Datasheet
1Mb / 3P
WIRE WOUND INDUCTOR - CERAMIC or FERRITE
09.09.14
AISC-1008-F ABRACON-AISC-1008-F Datasheet
6Mb / 4P
Wire Wound Inductor - Ceramic Or Ferrite Base
09.17.13
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
Wire Wound Inductor
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
WIRE-WOUND CHIP INDUCTOR – CERAMIC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com