Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATFS10-CI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATFS10-CI
Description  Support Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATFS10-CI Datasheet(HTML) 5 Page - ATMEL Corporation

  ATFS10-CI Datasheet HTML 1Page - ATMEL Corporation ATFS10-CI Datasheet HTML 2Page - ATMEL Corporation ATFS10-CI Datasheet HTML 3Page - ATMEL Corporation ATFS10-CI Datasheet HTML 4Page - ATMEL Corporation ATFS10-CI Datasheet HTML 5Page - ATMEL Corporation ATFS10-CI Datasheet HTML 6Page - ATMEL Corporation ATFS10-CI Datasheet HTML 7Page - ATMEL Corporation ATFS10-CI Datasheet HTML 8Page - ATMEL Corporation ATFS10-CI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ATFS05/10/40
3017C–FPSLI–07/02
Example Circuits
Figure 1. FPSLIC Support Device for Programming FPSLIC Devices
The FPSLIC’s bi-directional CON pin drives the CE input of the FPSLIC Support Device, while the RESET/OE input is
driven by the FPSLIC’s bi-directional INIT pin. This connection works under all normal circumstances, even when the user
aborts the configuration before CON has gone High. A Low level on the RESET/OE input, during FPSLIC reset, clears the
FPSLIC Support Device’s internal address pointer so that the reconfiguration starts at the beginning.
The spare memory can be accessed by in-system programming the ATFS through a two-wire serial interface built in the
FPSLIC device. For more information, refer to the “C Code for Interfacing the FPSLIC AVR Core to AT17 Series Configura-
tion Memories” application note, available on the Atmel web site (www.atmel.com).
Figure 2. In-System Programming of FPSLIC Support Devices
VCC
DATA0
CCLK
CON
INIT
FPSLIC Support Device
SER_EN
DATA
CLK
CE
RESET/OE
RESET
AT94K
GND
RESET
M2
M1
M0
V
2
4
6
8
10
DATA 1
CLK 3
5
7
9
SER_EN
CC VCC
VCC
4.7 k
9
4.7 k
9
GND
FPSLIC Support Device
AT94K
DATA0
CCLK
CON
INIT
SER_EN
DATA
CLK
CE
RESET/OE
RESET
GND
RESET
M2
M1
M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com