Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1206-R27 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-1206-R27
Description  Ceramic Wire Wound Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1206-R27 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-1206-R27 Datasheet HTML 1Page - Abracon Corporation AISC-1206-R27 Datasheet HTML 2Page - Abracon Corporation AISC-1206-R27 Datasheet HTML 3Page - Abracon Corporation AISC-1206-R27 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ceramic Wire Wound Inductors
AISC-1206
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
3.56 x 2.16 x 1.52mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
• Widely applied in the VCO, SAW circuit for GSM, CDMA
Communications
• Bluetooth, W-LAN
• Used in hard disk, notebook computer and other
electronic equipment
• Exceptionally high Q compared to non-wirewound inductor,
especially at high frequencies
• Inductance values available from 3.3 nH to 1200nH
Revised: 10.11.13
Pb RoHS/RoHS II Compliant
Part Number
AISC-1206-
Inductance Code
Inductance
Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-1206-3N3
3.3
J, K
20
100/300
0.07
1000
6200
AISC-1206-6N8
6.8
J, K
30
100/300
0.07
1000
5500
AISC-1206-10N
10
G, J, K
40
100/300
0.09
1000
4000
AISC-1206-12N
12
G, J, K
40
100/300
0.09
1000
3200
AISC-1206-15N
15
G, J, K
40
100/300
0.12
1000
3200
AISC-1206-18N
18
G, J, K
45
100/300
0.12
1000
2800
AISC-1206-22N
22
G, J, K
50
100/300
0.12
1000
2200
AISC-1206-27N
27
G, J, K
50
100/300
0.12
1000
1800
AISC-1206-33N
33
G, J, K
50
100/300
0.12
1000
1800
AISC-1206-39N
39
G, J, K
50
100/300
0.12
1000
1800
AISC-1206-47N
47
G, J, K
50
100/300
0.13
1000
1500
AISC-1206-56N
56
G, J, K
55
100/300
0.14
1000
1450
AISC-1206-68N
68
G, J, K
55
100/300
0.26
900
1200
AISC-1206-82N
82
G, J, K
55
100/300
0.21
900
1200
AISC-1206-R10
100
G, J, K
55
100/300
0.30
850
1100
AISC-1206-R12
120
G, J, K
60
100/300
0.30
800
1100
AISC-1206-R15
150
G, J, K
55
100/300
0.31
750
950
AISC-1206-R18
180
G, J, K
60
50/300
0.43
700
900
AISC-1206-R22
220
G, J, K
60
50/300
0.56
670
760
AISC-1206-R27
270
G, J, K
50
50/300
0.56
630
730
AISC-1206-R33
330
G, J, K
45
50/150
0.70
590
650
AISC-1206-R39
390
G, J, K
45
50/150
0.80
530
600
AISC-1206-R47
470
G, J, K
45
50/150
1.30
490
550
AISC-1206-R56
560
G, J, K
45
35/150
1.34
460
470
AISC-1206-R68
680
G, J, K
45
35/150
1.58
430
450
AISC-1206-R82
820
G, J, K
45
35/150
1.82
400
420
AISC-1206-1R0
1000
G, J, K
45
35/150
2.80
320
400
AISC-1206-1R2
1200
G, J, K
45
35/150
3.20
300
380


Similar Part No. - AISC-1206-R27

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-1206H-100 ABRACON-AISC-1206H-100 Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-1206H-101 ABRACON-AISC-1206H-101 Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-1206H-120 ABRACON-AISC-1206H-120 Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-1206H-150 ABRACON-AISC-1206H-150 Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
More results

Similar Description - AISC-1206-R27

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
logo
Abracon Corporation
AISC-0603-R33J ABRACON-AISC-0603-R33J Datasheet
2Mb / 4P
CERAMIC WIRE WOUND INDUCTORS
09.16.13
logo
Frontier Electronics.
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
Abracon Corporation
AISC-1210-XXX ABRACON-AISC-1210-XXX Datasheet
2Mb / 4P
SMD CERAMIC WIRE-WOUND INDUCTORS
12.28.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com