Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1206H-101 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISC-1206H-101
Description  UNSHIELDED SMD POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1206H-101 Datasheet(HTML) 2 Page - Abracon Corporation

  AISC-1206H-101 Datasheet HTML 1Page - Abracon Corporation AISC-1206H-101 Datasheet HTML 2Page - Abracon Corporation AISC-1206H-101 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTIONS & PART IDENTIFICATION:
(Left blank if standard)
UNSHIELDED SMD POWER INDUCTOR
|||||||||||||| |
AISC-1206H
3.2 x 1.6 x 1.8mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.06.13
Visit www.abracon.com for Terms & Conditions of Sale
Dimension: mm
OUTLINE DIMESIONS:
92688
AISC-1206H-
-
Inductance Code
Tolerance
Code
Packaging
Please refer to the Table
M: ± 20%
T: 1500
pcs/reel
N: ± 30%
Schematic
Pad Layout
Materials
Item
Material
SUPPLIER OF THE MATERIAL
UL CARD
Core
1CDH321816
FENGYIN ELECTRONICS (WU JIANG) CORP
Wire
1W2UEW
PACIFIC ELECTRIC WIRE &CABLE CO., LTD.
E201757
Solder
1MTIN-Sn0.7Cu-2
DYFENCO ELECTRONIC CHEMICAL CORP



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com