Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM8LR64JFN Datasheet(PDF) 13 Page - Texas Instruments

Part # TM8LR64JFN
Description  SYNCHRONOUS DYNAMIC RAM MODULES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8LR64JFN Datasheet(HTML) 13 Page - Texas Instruments

Back Button TM8LR64JFN Datasheet HTML 9Page - Texas Instruments TM8LR64JFN Datasheet HTML 10Page - Texas Instruments TM8LR64JFN Datasheet HTML 11Page - Texas Instruments TM8LR64JFN Datasheet HTML 12Page - Texas Instruments TM8LR64JFN Datasheet HTML 13Page - Texas Instruments TM8LR64JFN Datasheet HTML 14Page - Texas Instruments TM8LR64JFN Datasheet HTML 15Page - Texas Instruments TM8LR64JFN Datasheet HTML 16Page - Texas Instruments TM8LR64JFN Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
TM8LR64JFN 8 388 608 BY 64BIT
TM16LR64JFN 16 777 216 BY 64BIT
SYNCHRONOUS DYNAMIC RAM MODULES
SMMS710 − MAY 1998
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 2. Serial Presence-Detect Data for the TM16LR64JFN
BYTE
DESCRIPTION OF FUNCTION
TM16LR64JFN-8
TM16LR64JFN-8A
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
ITEM
DATA
0
Defines number of bytes written into serial memory during module
manufacturing
128 bytes
80h
128 bytes
80h
1
Total number of bytes of SPD memory device
256 bytes
08h
256 bytes
08h
2
Fundamental memory type (FPM, EDO, SDRAM, . . .)
SDRAM
04h
SDRAM
04h
3
Number of row addresses on this assembly
12
0Ch
12
0Ch
4
Number of column addresses on this assembly
9
09h
9
09h
5
Number of module rows on this assembly
2 banks
02h
2 banks
02h
6
Data width of this assembly
64 bits
40h
64 bits
40h
7
Data width continuation
00h
00h
8
Voltage interface standard of this assembly
LVTTL
01h
LVTTL
01h
9
SDRAM cycle time at maximum supported CAS latency (CL), CL = X
tCK = 8 ns
80h
tCK = 8 ns
80h
10
SDRAM access from clock at CL = X
tAC = 6 ns
60h
tAC = 6 ns
60h
11
DIMM configuration type (non-parity, parity, error correcting code [ECC])
Non-Parity
00h
Non-Parity
00h
12
Refresh rate / type
15.6
µs/
self-refresh
80h
15.6
µs/
self-refresh
80h
13
SDRAM width, primary DRAM
x8
08h
x8
08h
14
Error-checking SDRAM data width
N/A
00h
N/A
00h
15
Minimum clock delay, back-to-back random column addresses
1 CK cycle
01h
1 CK cycle
01h
16
Burst lengths supported
1, 2, 4, 8
0Fh
1, 2, 4, 8
0Fh
17
Number of banks on each SDRAM device
4 banks
04h
4 banks
04h
18
CAS latencies supported
2, 3
06h
2, 3
06h
19
CS latency
0
01h
0
01h
20
Write latency
0
01h
0
01h
21
SDRAM module attributes
Non-buffered/
Non-registered
00h
Non-buffered/
Non-registered
00h
22
SDRAM device attributes: general
VDD tolerance =
(+10%).
Burst read / write,
precharge all,
auto precharge
0Eh
VDD tolerance =
(+10%).
Burst read / write,
precharge all,
auto precharge
0Eh
23
Minimum clock cycle time at CL = X − 1
tCK = 10 ns
A0h
tCK = 15 ns
F0h
24
Maximum data-access time from clock at CL = X − 1
tAC = 6 ns
60h
tAC = 7.5 ns
75h
25
Minimum clock cycle time at CL = X − 2
N/A
00h
N/A
00h
26
Maximum data-access time from clock at CL = X − 2
N/A
00h
N/A
00h
27
Minimum row-precharge time
tRP = 20 ns
14h
tRP = 20 ns
14h
28
Minimum row-active to row-active delay
tRRD = 16 ns
10h
tRRD = 16 ns
10h
29
Minimum RAS-to-CAS delay
tRCD = 20 ns
14h
tRCD = 20 ns
14h
30
Minimum RAS pulse width
tRAS = 48 ns
30h
tRAS = 48 ns
32h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com