Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1008F-R33 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-1008F-R33
Description  Wire Wound Inductor - Ceramic Or Ferrite Base
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1008F-R33 Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-1008F-R33 Datasheet HTML 1Page - Abracon Corporation AISC-1008F-R33 Datasheet HTML 2Page - Abracon Corporation AISC-1008F-R33 Datasheet HTML 3Page - Abracon Corporation AISC-1008F-R33 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Wire Wound Inductor - Ceramic Or Ferrite Base
|||||||||| | | | | |
AISC-1008(F)
2.92 x 2.79 x 2.29m m
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 :2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
Revised: 09.17.13
AISC-1008-R010
AISC-1008-R082
AISC-1008-R27
AISC-1008-R010
AISC-1008-R082
AISC-1008-R27
AISC-1008F-1R0
AISC-1008F-2R2
AISC-1008F-4R7
AISC-1008F-1R0
AISC-1008F-2R2
AISC-1008F-4R7
Pb RoHS/RoHS II Compliant
ELECTRICAL CHARACTERISTICS CURVES :
OUTLINE DIMENSIONS:
AISC-1008 -
-
Material Code
Inductance Code
Tolerance Code
Packaging
Blank: Ceramic
Please refer to the table
G: ±2%
T: Tape & Reel (2k/reel)
F: Ferrite
J: ±5%
K: ±10%
M: ±20%
PART IDENTIFICATION:
m
Dimension: m
A MAX.
B MAX.
C MAX.
D REF.
E
F
H REF.
I REF.
J REF.
2.92
2.79
2.29
0.51
2.1±0.2
0.5±0.2
2.54
1.02
1.27



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com