Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2044CS Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL2044CS
Description  Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2044CS Datasheet(HTML) 2 Page - Intersil Corporation

  EL2044CS Datasheet HTML 1Page - Intersil Corporation EL2044CS Datasheet HTML 2Page - Intersil Corporation EL2044CS Datasheet HTML 3Page - Intersil Corporation EL2044CS Datasheet HTML 4Page - Intersil Corporation EL2044CS Datasheet HTML 5Page - Intersil Corporation EL2044CS Datasheet HTML 6Page - Intersil Corporation EL2044CS Datasheet HTML 7Page - Intersil Corporation EL2044CS Datasheet HTML 8Page - Intersil Corporation EL2044CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage (VS). . . . . . . . . . . . . . . . . . . . . . . . . . . . ±18V or 36V
Input Voltage (VIN). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS
Differential Input Voltage (dVIN) . . . . . . . . . . . . . . . . . . . . . . . .±10V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 60mA
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Temperature Range (TA) . . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature (TST). . . . . . . . . . . . . . . . . . .-65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±15V, RL = 1kΩ, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
TEMP
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
VS = ±15V
25°C
0.5
7.0
mV
TMIN, TMAX
13.0
mV
TCVOS
Average Offset Voltage Drift
All
10.0
µV/°C
IB
Input Bias Current
VS = ±15V
25°C
2.8
8.2
µA
TMIN, TMAX
11.2
µA
VS = ±5V
25°C
2.8
µA
IOS
Input Offset Current
VS = ±15V
25°C
50
300
nA
TMIN, TMAX
500
nA
VS = ±5V
25°C
50
nA
TCIOS
Average Offset Current Drift
(Note 1)
All
0.3
nA/°C
AVOL
Open-loop Gain
VS = ±15V,VOUT = ±10V, RL = 1kΩ
25°C
800
1500
V/V
TMIN, TMAX
600
V/V
VS = ±5V, VOUT = ±2.5V, RL = 500Ω
25°C
1200
V/V
VS = ±5V, VOUT = ±2.5V, RL = 150Ω
25°C
1000
V/V
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
25°C
65
80
dB
TMIN, TMAX
60
dB
CMRR
Common-mode Rejection Ratio VCM = ±12V, VOUT = 0V
25°C
70
90
dB
TMIN, TMAX
70
dB
CMIR
Common-mode Input Range
VS = ±15V
25°C
±14.0
V
VS = ±5V
25°C
±4.2
V
VS = +5V
25°C
4.2/0.1
V
VOUT
Output Voltage Swing
VS = ±15V, RL = 1kΩ
25°C
±13.4
±13.6
V
TMIN, TMAX
±13.1
V
VS = ±15V, RL = 500Ω
25°C
±12.0
±13.4
V
VS = ±5V, RL = 500Ω
25°C
±3.4
±3.8
V
VS = ±5V, RL = 150Ω
25°C
±3.2
V
VS = +5V, RL = 500Ω
25°C
3.6/0.4
3.8/0.3
V
TMIN, TMAX
3.5/0.5
V
ISC
Output Short Circuit Current
25°C
40
75
mA
TMIN, TMAX
35
mA
EL2044



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com