Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF150S Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # DF150S
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

DF150S Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  DF150S Datasheet HTML 1Page - Diode Semiconductor Korea DF150S Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
110
100
TL=100 C
8.3ms Single Half Sine-Wave
(JEDEC Method)
20
50
O
10
40
30
0 .8
1 .0
1 .2
1 .4
0 .1
1 .0
10
  T
J
=125
Pu ls e W id th
=300
u S
0 .6
0 .4
.0 1
0.5
0
1.0
2.0
1.5
0
25
50
75
100
125
150
DF150S---DF1510S
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.2 -- MAXIMUM NON-REPETITIVE FORWARD SURGE
VVVVVVVCURRENT
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
INSTANTANEOUSFORWARDVOLTAGE, VOLTS
.01
1.0
10
0
40
60
0.1
20
TA=125
100
120
140
80
TA=25
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com