Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF154M Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # DF154M
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

DF154M Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  DF154M Datasheet HTML 1Page - Diode Semiconductor Korea DF154M Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1± 0.1
8.3± 0.1
5± 0.2
FEATURES
Rating to 1000V PRV
Surge overload rating to 50 Amperes peak
Glass passivated chip junctions
Reliable low cost construction utilizing molded
plastic technique results in inexpensive product
94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
DF
152M
DF
154M
DF
156M
DF
158M
DF
1510M
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average forw ard
Output current
@T
A=40
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
Maximum instantaneous forw ard voltage
at 1.5 A
VF
V
Maximum reverse current
@T
A=25
μA
at rated DC blocking voltage @T
A=125
mA
Operating junction temperature range
TJ
Storage temperature range
TSTG
DF
150M
DF
151M
50
100
1.1
0.5
50
IFSM
DF150M---DF1510M
A
10.0
Lead solderable per MIL-STD-202 method 208
IF(AV)
1.5
SILICON BRIDGE RECTIFIERS
Lead: silver plated copper, solderde plated
A
- 55 ---- + 150
- 55 ---- + 150
IR
100
70
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
1.5 A
35
5
0
DB-1
Plastic material has UL flammability classification
Polarity symbols molded on body
Weight: 0.02 ounces,0.38 grams
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - DF154M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DF154M LUGUANG-DF154M Datasheet
165Kb / 2P
Silicon Bridge Rectifiers
More results

Similar Description - DF154M

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com