Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS3883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3883
Description  BTL 9-Bit Data Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS3883 Datasheet HTML 1Page - National Semiconductor (TI) DS3883 Datasheet HTML 2Page - National Semiconductor (TI) DS3883 Datasheet HTML 3Page - National Semiconductor (TI) DS3883 Datasheet HTML 4Page - National Semiconductor (TI) DS3883 Datasheet HTML 5Page - National Semiconductor (TI) DS3883 Datasheet HTML 6Page - National Semiconductor (TI) DS3883 Datasheet HTML 7Page - National Semiconductor (TI) DS3883 Datasheet HTML 8Page - National Semiconductor (TI) DS3883 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DC Electrical Characteristics (Notes 2, 3) (Continued)
Note 1: “Absolute Maximum Ratings” are those beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device should
be operated at these limits. The table of “Electrical Characteristics” provides conditions for actual device operation.
Note 2: All input and/or output pins shall not exceed VCC + 0.5V and shall not exceed the absolute maximum rating at any time, including power-up and power-down.
This prevents the ESD structure from being damaged due to excessive currents flowing from the input and/or output pins to QV CC and VCC. There is a diode between
each input and/or output to VCC which is forward biased when incorrect sequencing is applied. LI and Bn pins do not have power sequencing requirements with re-
spect to V CC and QVCC.
Note 3: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise specified.
All typical values are specified under these conditions: VCC = 5V and TA = 25˚C, unless otherwise stated.
Note 4: Only one output should be shorted at a time, and duration of the short should not exceed one second.
Note 5: Referenced to appropriate signal ground. Do not exceed maximum power dissipation of package.
AC Electrical Characteristics (Note 6)
T
A = 0˚C to +70˚C, VCC = 5V ±10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER
t
PHL
An to Bn
Propagation Delay
CD = 0V, T/ R = 3V
1
3.5
6
ns
t
PLH
(
Figure 1 and Figure 2)
1
3.5
6
ns
t
PHL
CD to Bn
Enable Time
T/R = An = 3V
369
ns
t
PLH
Disable Time
(
Figure 1 and Figure 3 )
2.5
5
8
ns
t
PHL
T/R to Bn
Enable Time
(
Figure 8 and Figure 9)
9
13.5
18
ns
t
PLH
Disable Time
CD = 0V
2
6
10
ns
t
r
Transition Time — Rise/Fall
(
Figure 1 and Figure 2)
1
2.5
4.5
ns
t
f
20% to 80%
CD = 0V, T/R = 3V (Note 10)
1
2
4.5
ns
SR
Slew Rate is Calculated
(
Figure 1 and Figure 2) (Note 10)
0.5
V/ns
from 1.3V to 1.8V
CD = 0V T/R = 3V
t
SKEW
An to Bn Skew (Same Package)
(Note 7)
1
3.5
ns
RECEIVER
t
PHL
Bn to An
CD = T/ R = 0V
247
ns
t
PLH
(
Figure 4 and Figure 5 )
1.5
4.5
7.5
ns
t
PLZ
CD to An
Disable Time
Bn = 2.1V, T/R = 0V
4
8
12
ns
t
PZL
Enable Time
(
Figure 6 and Figure 7 )
2.5
6
9
ns
t
PHZ
Disable Time
Bn = 1.1V, T/R = 0V
3
6.5
10
ns
t
PZH
Enable Time
(
Figure 6 and Figure 7 )2
6
10
ns
t
PLZ
T/R to An
Disable Time
CD = 0V Bn = 2.1V
3
7
12
ns
t
PZL
Enable Time
(
Figure 8 and Figure 9 )
4
10
16
ns
t
PHZ
Disable Time
Bn = 1.1V, CD = 0V
2
6.5
10
ns
t
PZH
Enable Time
(
Figure 6 and Figure 7 )3
7
11
ns
t
SKEW
Bn to An Skew (Same Package)
(Note 7)
1
3.5
ns
PARAMETERS NOT TESTED
C
output
BTL Output Capacitance
(Note 8)
5
pF
t
NR
Noise Rejection
(Note 9)
1
ns
Note 6: Input waveforms shall have a rise/fall time of 3 ns. Propagation delays are measured with a single output switching.
Note 7: tSKEW is an absolute value defined as differences seen in propagation delays between drivers in the same package with identical load conditions.
Note 8: The parameter is tested using TDR techniques described in 1194.0 BTL backplane Design Guide.
Note 9: This parameter is tested during device characterization. The measurement revealed that the part will reject 1 ns pulse widths.
Note 10: Futurebus+ transceivers are required to limit bus signal rise and fall times to no faster than 0.5 V/ns, measured between 1.3V and 1.8V (approximately 20%
to 80% of nominal voltage swing). The rise and fall times are measured with a transceiver loading equivalent to 12.5
Ω tied to +2.1V DC.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com