Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ2A Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # KBJ2A
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

KBJ2A Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  KBJ2A Datasheet HTML 1Page - Diode Semiconductor Korea KBJ2A Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100
1.4
.01
.2
.4
.6
0.1
1.0
.8
1.2
1.0
10
1.6
.1
.2
.4
1.0
2
4
10
20
40
10
1
20
40
100
120
140
160
200
TJ=25
f=1MHz
50
0
0.5
1
05 0
1 0 0
1.5
2
15 0
2.5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE,VOLTS
KBJ2A---KBJ2M
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.2 -- FORWARD DERATING CURVE
FIG.1 -- PEAK FORWARD SURGE CURRENT
0
1
10
20
40
30
50
70
60
80
20
TJ
=50℃
8.3ms Single Half
Sine-Wave
24
1
0
81
00
40 60 80
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com