Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1746P Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1746P
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1746P Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1746P Datasheet HTML 1Page - Dallas Semiconductor DS1746P Datasheet HTML 2Page - Dallas Semiconductor DS1746P Datasheet HTML 3Page - Dallas Semiconductor DS1746P Datasheet HTML 4Page - Dallas Semiconductor DS1746P Datasheet HTML 5Page - Dallas Semiconductor DS1746P Datasheet HTML 6Page - Dallas Semiconductor DS1746P Datasheet HTML 7Page - Dallas Semiconductor DS1746P Datasheet HTML 8Page - Dallas Semiconductor DS1746P Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS1746/DS1746P
2 of 18
PIN DESCRIPTION
A0–A16
– Address Input
CE
– Chip Enable
OE
– Output Enable
WE
– Write Enable
VCC
– Power Supply Input
GND
– Ground
DQ0–DQ7
– Data Input/Output
NC
– No Connection
RST
– Power–on Reset Output (Power–
Cap Module board only)
X1, X2
– Crystal Connection
VBAT
– Battery Connection
ORDERING INFORMATION
DS1746P
(5V)
blank
32-pin DIP Module
P
34-pin PowerCap Module board*
DS1746WP
(3.3V)
blank 32-pin DIP Module
P
34-pin PowerCap Module board*
*DS9034PCX (PowerCap) Required:
(must be ordered separately)
DESCRIPTION
The DS1746 is a full function, year 2000 compliant (Y2KC), real-time clock/calendar (RTC) and 128k x
8 non-volatile static RAM. User access to all registers within the DS1746 is accomplished with a
bytewide interface as shown in Figure 1. The Real Time Clock (RTC) information and control bits reside
in the eight uppermost RAM locations. The RTC registers contain century, year, month, date, day, hours,
minutes, and seconds data in 24-hour BCD format. Corrections for the date of each month and leap year
are made automatically. The RTC clock registers are double buffered to avoid access of incorrect data
that can occur during clock update cycles. The double buffered system also prevents time loss as the
timekeeping countdown continues unabated by access to time register data. The DS1746 also contains its
own power-fail circuitry which deselects the device when the VCC supply is in an out of tolerance
condition. This feature prevents loss of data from unpredictable system operation brought on by low VCC
as errant access and update cycles are avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com