Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS2106L Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # CS2106L
Description  50/60 Hz Current Sense Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CS2106L Datasheet(HTML) 1 Page - Coilcraft lnc.

  CS2106L Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
50/60HzCurrentSense Transformer
Document 150
Document 150 Revised 12/29/09
This Coilcraft current sense transformer is intended for
use in measuring 50/60 Hz line currents from 0.5 to
20 Amperes rms. Typical application shown below yields
an output of 0.1 Volt per Ampere. The sensitivity may be
changed by adjusting the value of the terminating resis-
tance (RT). These parts also can be used to measure
400 Hz line currents.
To request free evaluation samples, contact Coilcraft or
visit
www.coilcraft.com.
RT
Vout
CS2106
1
2
3
4
8
5
Iin
Specifications
Part number
CS2106L
DCR (1,2-3,4)
0.007 Ohms max
DCR (8-5)
26 Ohms max
Isolation
2500 Vrms between
windings
1. Operating temperature range –40°C to +85°C.
2. Electrical specifications at 25°C.
Weight 19 g
Terminations Tin-silver over tin over nickel over copper
Packaging 30 per tray
Isolation (hipot) 2500 Vrms, one minute, between windings
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf
Typical Circuit
Frequency
Sensed
RT for
Part
Turns (N)
Inductance1
DCR max (Ohms)
range2
current
1.0 Vout
number
pri : sec
min (mH)
1,2 – 3,4
8 – 5
(Hz)
range Iin
from 10 A Iin3
CS2106L
1 :500
75
0.007
26
50 – 400
0.5 A – 20 A
68 Ohms
1. Inductance is for the secondary, tested at 1 kHz, 0.1 Vrms.
2. Square wave response deteriorates above and below this frequency.
3. Use the following equation to determine the approximate change in output voltage/ input ampere when varying the terminating resistor:
Vout /
Iin = 0.1 × (RT / 68).
4. Ambient temperature range –40°C to +85°C.
5. Electrical specifications at 25°C.
0
0.5
1.0
1.5
2.0
05
10
15
20
Current (Amperes rms)
Typical Response (with RT = 68 Ohms)
Dimensions are in
inches
mm


Similar Part No. - CS2106L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L Datasheet
206Kb / 1P
50/60 Hz Current Sensing Transforme
More results

Similar Description - CS2106L

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
ASM-010 TALEMA-ASM-010 Datasheet
47Kb / 1P
Current Sensor for 50/60 Hz
logo
PREMO CORPORATION S.L
TC-1012505 PREMO-TC-1012505 Datasheet
231Kb / 2P
50/60 Hz industrial Current Transformer up to 600A
logo
PCA ELECTRONICS INC.
EPA3918 PCA-EPA3918 Datasheet
35Kb / 1P
Current Sense Transformer
logo
Coilcraft lnc.
CS2106L COILCRAFT-CS2106L Datasheet
206Kb / 1P
50/60 Hz Current Sensing Transforme
logo
ice Components, Ins.
CT05-050 ICE-CT05-050 Datasheet
401Kb / 1P
Current Sense Transformer
logo
TRIAD MAGNETICS
CST-1005 TRIAD-CST-1005 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
CST-1010 TRIAD-CST-1010 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
CST-1015 TRIAD-CST-1015 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
CST-1020 TRIAD-CST-1020 Datasheet
86Kb / 1P
50/60 Hz Current Sense Transformers
logo
Coilcraft lnc.
CS60-050L COILCRAFT-CS60-050L_16 Datasheet
279Kb / 1P
50/60 Hz Current Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com