Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

J511 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # J511
Description  Current Regulator Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J511 Datasheet(HTML) 3 Page - Vishay Siliconix

  J511 Datasheet HTML 1Page - Vishay Siliconix J511 Datasheet HTML 2Page - Vishay Siliconix J511 Datasheet HTML 3Page - Vishay Siliconix J511 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J500 Series
Vishay Siliconix
Document Number: 70196
S-04234—Rev. F, 02-Jul-01
www.vishay.com
3-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Output Current vs. Forward Voltage
Dynamic Impedance vs. Regulator Current
Limiting Voltage @ 0.8 IF vs. Regulator Current
Knee Impedance vs. Regulator Current
5
4
3
0
0
20
100
2
1
40
60
80
(V)
F
V
10
1
0.1
0.01
0.1
1
10
VF = 6 V
IF (mA)
100
10
1
0.1
0.1
1
10
VF = 25 V
IF (mA)
0.1
1
10
10
1
0.1
VF = 25 V
IF (mA)
Output Current vs. Forward Voltage
5
4
3
0
01
5
2
1
23
4
J502
J505
J508
J510
(V)
F
V
J511
J510
J508
J505
J502
J511
J500
J500
–0.6
–0.4
–0.2
–0.0
0.2
0.4
0.6
0.8
1.0
1.2
012345
Temperature Coefficient
IF (mA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com