Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC9448D Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPC9448D
Description  3.3V/2.5V LVCMOS 1:12 Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9448D Datasheet(HTML) 2 Page - Motorola, Inc

  MPC9448D Datasheet HTML 1Page - Motorola, Inc MPC9448D Datasheet HTML 2Page - Motorola, Inc MPC9448D Datasheet HTML 3Page - Motorola, Inc MPC9448D Datasheet HTML 4Page - Motorola, Inc MPC9448D Datasheet HTML 5Page - Motorola, Inc MPC9448D Datasheet HTML 6Page - Motorola, Inc MPC9448D Datasheet HTML 7Page - Motorola, Inc MPC9448D Datasheet HTML 8Page - Motorola, Inc MPC9448D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC9448
MOTOROLA
TIMING SOLUTIONS
2
Figure 1. Logic Diagram
Figure 2. 32--Lead Package Pinout
(Top View)
1
0
CCLK
STOP
CLK
CLK_SEL
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
PCLK
Q9
Q11
Q10
CLK_STOP
SYNC
PCLK
VCC
VCC
VCC
VCC
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
12
3
4
5
6
7
8
24
23 22 21
20 19
18 17
16
MPC9448
Q3
Q2
GND
Q1
Q0
GND
GND
Q8
Q9
GND
Q10
Q11
VCC
VCC
VCC
VCC
(all input resistors have a value of 25kΩ)
Table 1. FUNCTION TABLE
Control
Default
0
1
CLK_SEL
1
PECL differential input selected
CCLK input selected
OE
1
Outputs disabled (high-impedance state)1
Outputs enabled
CLK_STOP
1
Outputs synchronously stopped in logic low state
Outputs active
1. OE=0 will high-impedance tristate all outputs independent on CLK_STOP.
Table 2. PIN CONFIGURATION
Pin
I/O
Type
Function
PCLK, PCLK
Input
LVPECL
Clock signal input
CCLK
Input
LVCMOS
Alternative clock signal input
CLK_SEL
Input
LVCMOS
Clock input select
CLK_STOP
Input
LVCMOS
Clock output enable/disable
OE
Input
LVCMOS
Output enable/disable (high--impedance tristate)
Q0--11
Output
LVCMOS
Clock outputs
GND
Supply
Ground
Negative power supply (GND)
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected to
the positive power supply for correct operation
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com