Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B060010 Datasheet(PDF) 1 Page - E-SWITCH

Part # B060010
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B060010 Datasheet(HTML) 1 Page - E-SWITCH

  B060010 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL3253AYBAGBF160Q
2:1
2/4/2015
B060010
A
rc
1
1
1
2
3
4
RECOMMENDED PCB LAYOUT
L1 L2
L3 L4
1 2 34
4
L2 L4
L3
L4
1
4
L1
L2
2
3
GREEN
YELLOW
CIRCUIT DIAGRAM
LOWER
UPPER
+
+
_
_
12.50
[.492 in]
1.73 .10
.068 .004 in
[]
.40
[.016 in]
6.00
[.236 in]
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. CONTACT RATING: 50mA @12VDC
5. TRAVEL: 0.25 ±0.1mm
6. CONTACT RESISTANCE: 100 Milli-Ohms Max.
7. OPERATING FORCE: 160 ± 50gf
8. CONTACT MATERIAL: SILVER
9. MECHANICAL LIFE: 500,000 CYCLES
10. OPERATING TEMP: -20°C TO 70°C
11. DENOTES CRITICAL PARAMETER.
12. PACKAGE: TRAY/ 84 PIECES PER
13. 2002/95/EC (ROHS) COMPLIANT
4.00
[.157 in]
22.60
[.890 in]
6.10
[.24 in]
6.10
[.240 in]
3.50
[.138 in]
.40
[.016 in]
9.25
[.364 in]
7.50
[.295 in]
.30
[.012 in]
4.50
[.177 in]
.60
[.024 in]
8.00
[.315 in]
10.55
[.415 in]
8.40
[.331 in]
A
21780
RELEASE FOR PRODUCTION
2/4/15
rc
1.30
[.051 in]
(4 PL)
.80
[.031 in]
(4 PL)
8.00
[.315 in]
2.00
[.079 in]
2.54
[.100 in]
5.08
[.200 in]
1.00
[.039 in]
1.00
[.039 in]
(4 PL)
2.54
[.100 in]
LED SPECS
UNITS
GREEN
YELLOW
FORWARD CURRENT
mA
20
20
FORWARD VOLATGE
V
2.1 TYP - 2.5 MAX
2.0 TYP - 2.5 MAX
LUMINOUS INTENSITY
mcd
300 TYP
2700 TYP
GREEN LED
3.00
[.118 in]
4.50
[.177 in]
4.20
[.165 in]
YELLOW LED
7.50
[.295 in]
Ø
2.00
[.079 in]
6.55
[.258 in]
(B HEIGHT)
6.00
[.236 in]
5.08
[.200 in]


Similar Part No. - B060010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B060011 E-SWITCH-B060011 Datasheet
183Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B060012 E-SWITCH-B060012 Datasheet
183Kb / 1P
ALL DIMENSIONS IN MM [INCH]
logo
Tripp Lite. All Rights ...
B0600162 TRIPPLITE-B0600162 Datasheet
479Kb / 2P
NetDirector 16-Port Cat5 Matrix KVM Switch 1U Rack-Mount 2-User
More results

Similar Description - B060010

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com