Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B200023 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200023
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200023 Datasheet(HTML) 1 Page - E-SWITCH

  B200023 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1260GYQSGRY-PWRVERT
4:1
5/10/2011
B200023
E
BGL
1
1
3
6
12
5
4
P.C.B. LAYOUT
34
6
1
5
6
3
GRN
5
6
-
YEL
-
7.00
[.276 in]
3.10
[.122 in]
3.30
[.130 in]
3.50
[.138 in]
9.50
[.374 in]
2.90 .30
.114 .012 in
[]
.50
[.020 in]
CIRCUIT: SPST
2
1
34
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 160
50gf
7. TRAVEL: 0.2
0.1mm
8. OPERATING TEMPURATURE: -20
C TO 70C
9. OPEREATING LIFE 500,000 CYCLES
10. LED COLOR: GREEN / YELLOW
11.
DENOTED CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
13. PACKAGE: 100 PIECES PER TRAY
LED COLOR:
GREEN / YELLOW
.30
[.012 in]
TYP.
.70
[.028 in]
1.10
[.043 in]
R3.75
[.148 in]
4.70
[.185 in]
4.20
[.165 in]
11.1
[.44 in]
'POWER'
TRANSLUCIENT
GRAPHICS
BUTTON
TO BE
PES MATERIAL
GREY ACTUATOR
WITH ETCHED GRAPHICS
HOUSING
TO BE
LCP MATERIAL
.40
[.016 in]
6.80
[.268 in]
1.00
[.039 in]
4.50
[.177 in]
5.00
[.197 in]
2.50
[.098 in]
6.30
[.248 in]
6.30
[.248 in]
4.50
[.177 in]
2.50
[.098 in]
.20
[.008 in]
LED SPECS
UNITS
GREEN
YELLOW
FORWARD CURRENT
mA
20
20
FORWARD VOLTAGE
V
2.0 TYP. - 2.5 MAX
2.0 TYP. - 2.5 MAX
LUMINOUS INTENSITY
mcd
120 TYP.
200 TYP.
A
19960
RELEASE FOR PRODUCTION
5/20/11
BGL
2.30
[.091 in]
B
19969
CHANGE DIM WAS 3.5
5/27/11
BGL
B
THESE SURFACES
TO BE FREE OF
ALL VOIDS AND
BLEMISHES
C
20196
ADD SURFACE NOTE
10/05/11
BGL
D
20959
2.90±.30 WAS 3.10±.10
1/9/13
EBP
D
E
E
21664
CHANGED NOTE 13 FROM 10 TO 100
10/23/14
AS


Similar Part No. - B200023

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200020 E-SWITCH-B200020 Datasheet
136Kb / 1P
All Dimension In MM
B200021 E-SWITCH-B200021 Datasheet
176Kb / 1P
All Dimension In MM
B200022 E-SWITCH-B200022 Datasheet
179Kb / 1P
All Dimension In MM
B200024 E-SWITCH-B200024 Datasheet
127Kb / 1P
All Dimension In MM
B200025 E-SWITCH-B200025 Datasheet
127Kb / 1P
All Dimension In MM
More results

Similar Description - B200023

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com