Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B200041 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200041
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200041 Datasheet(HTML) 1 Page - E-SWITCH

  B200041 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1265WQN
3:1
7/29/2016
B200041
A
MW
1
1
5
1
3
6
3
6
4
A
22416
Release for Production
8/2/16
MW
3.00
[.118 in]
3.00
[.118 in]
4.50
[.177 in]
6.30
[.248 in]
.80
[.031 in]
2 PLS
1.00
[.039 in]
4 PLS
PCB LAYOUT
1
CIRCUIT: SPST
4
3
6
2
5
LED COLOR
WHITE
NOTES:
1. ALL DIMENSIONS IN MM
2. GENERAL TOLERANCE: X.X =
0.4
X.XX =
0.25
3. RATING: 50mA, 12VDC
4. TRAVEL: 0.2
0.1
5. OPERATING FORCE: 160 50gf
6. CONTACT RESISTANCE: 100m-Ohms MAX
7. CONTACT MATERIAL: SILVER
8. OPERATING LIFE: 500,000 CYCLES
9. INSULATION RESISTANCE: 100M-Ohms MIN
10. DIELECTRIC STRENGTH: 500VAC FOR 1 MINUTE
11. LED COLOR: WHITE
12. OPERATING TEMPERATURE: -40 C to 85 C
13. 2011/65/EU (ROHS) COMPLIANT
14.
DENOTES CRITICAL PARAMETER
1
5
2
3
6
4
.90
[.035 in]
6.80
[.268 in]
7.00
[.276 in]
7.20
[.283 in]
4.40
[.173 in]
3.0
[.12 in]
5.0
[.20 in]
4.50
[.177 in]
.70
[.028 in]
6.30
[.248 in]
3.0
[.12 in]
.20
[.008 in]
.30
[.012 in]
6.00
[.236 in]
3.00
[.118 in]
_
+
NO CAP
7.00
[.276 in]
2.80
[.11 in]
.40
[.016 in]
LED SPECS
UNITS
WHITE LED
FORWARD CURRENT
mA
20
FORWARD VOLTAGE
V
3.2 TYP. - 4.0 MAX
LUMINOUS INTENSITY
mcd
150


Similar Part No. - B200041

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200040 E-SWITCH-B200040 Datasheet
173Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B200041

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com