Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B200058 Datasheet(PDF) 1 Page - E-SWITCH

Part # B200058
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B200058 Datasheet(HTML) 1 Page - E-SWITCH

  B200058 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL1260GQSCLR
8/7/2014
B200058
B
EBP
1
1
P.C.B LAYOUT
FORWARD VOLTAGE
LUMINOUS INTENSITY
FORWARD CURRENT
LED SPECS
2.1 TYP. - 2.5 MAX.
UNITS
GREEN
20 TYP.
800 TYP.
MCD
V
mA
7.00
[.276 in]
3.10
[.122 in]
3.30
[.130 in]
3.50
[.138 in]
9.50
[.374 in]
2.90 .30
.114 .012 in
[]
.50
[.020 in]
4.50
[.177 in]
6.30
[.248 in]
2.50
[.098 in]
5.00
[.197 in]
1.00
[.039 in]
(6)
1
5
2
4
6
3
4
2
1
CIRCUIT: SPST
3
GREEN LED
6
5
+
-
MOMENTARY
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. RATING: 12VDC @ 50mA
4. CONTACT RESISTANCE: 100mW MAX.
5. INSULATION RESISTANCE: 100MW MIN.
6. OPERATING FORCE: 160
50gf
7. TRAVEL: 0.2
0.1mm
8. OPERATING TEMPURATURE: -20
C TO 70C
9. OPERATING LIFE 500,000 CYCLES
10. LED COLOR: GREEN
11.
DENOTES CRITICAL PARAMETER
12. 2002/95/EC (ROHS) COMPLIANT
13. PACKAGE: 100 PIECES PER TRAY
14. BUTTON COLOR: BUTTON TO BE TRANSPARENT AND WILL BE
WATER CLEAR TO A POSSIBLE YELLOW TINT COLOR
15. PACKAGING: 100 PIECES PER TRAY
A
21542
NEW RELEASE
8/7/14
EBP
.30
[.012 in]
TYP.
5
1
3
6
.70
[.028 in]
4.50
[.177 in]
1.10
[.043 in]
R3.75
[.148 in]
4.70
[.185 in]
4.20
[.165 in]
11.1
[.44 in]
BUTTON
TO BE
PES MATERIAL
SEE NOTE 14
HOUSING
TO BE
LCP MATERIAL
2.50
[.098 in]
.20
[.008 in]
6.30
[.248 in]
.40
[.016 in]
2.30
[.091 in]
LED COLOR: GREEN
B
B
21662
ADDED NOTE 15
10/23/14
AS


Similar Part No. - B200058

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
B200050 E-SWITCH-B200050 Datasheet
87Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200051 E-SWITCH-B200051 Datasheet
216Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200052 E-SWITCH-B200052 Datasheet
86Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200053 E-SWITCH-B200053 Datasheet
233Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B200059 E-SWITCH-B200059 Datasheet
169Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B200058

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com