Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSS9014C Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PSS9014C
Description  NPN general purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PSS9014C Datasheet(HTML) 3 Page - NXP Semiconductors

  PSS9014C Datasheet HTML 1Page - NXP Semiconductors PSS9014C Datasheet HTML 2Page - NXP Semiconductors PSS9014C Datasheet HTML 3Page - NXP Semiconductors PSS9014C Datasheet HTML 4Page - NXP Semiconductors PSS9014C Datasheet HTML 5Page - NXP Semiconductors PSS9014C Datasheet HTML 6Page - NXP Semiconductors PSS9014C Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2004 Aug 10
3
Philips Semiconductors
Product specification
NPN general purpose transistor
PSS9014C
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board; single sided copper; tinplated; standard footprint.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
in free air; note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB =30V; IE =0
−−
15
nA
VCB =30V; IE = 0; Tamb = 150 °C −−
5
µA
ICEO
collector-emitter cut-off current
VCE =30V; IB =0
−−
100
nA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
100
nA
hFE
DC current gain
IC = 1 mA; VCE = 5 V
200
300
600
IC = 2 mA; VCE = 5 V
200
300
450
VCEsat
collector-emitter saturation voltage
IC = 100 mA; IB = 5 mA; note 1
−
200
300
mV
VBEsat
base-emitter saturation voltage
IC = 100 mA; IB = 0.5 mA; note 1
−
815
850
mV
VBEon
base-emitter turn-on voltage
IC = 2 mA; VCE = 5 V
580
650
700
mV
fT
transition frequency
IC = 50 mA; VCE =10V;
f = 100 MHz
100
220
−
MHz
Cc
collector capacitance
VCB =10V; IE =ie = 0; f = 1 MHz
−
1.6
1.75
pF
F
noise figure
VCE =5V; IC = 0.2 mA;
RS =2kΩ; f = 1 kHz; B = 200 Hz
−−
10
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com