Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC110L Datasheet(PDF) 4 Page - Vishay Siliconix

Part # REC110L
Description  Precision Linear Transducers, Conductive Plastic (REC)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC110L Datasheet(HTML) 4 Page - Vishay Siliconix

  REC110L Datasheet HTML 1Page - Vishay Siliconix REC110L Datasheet HTML 2Page - Vishay Siliconix REC110L Datasheet HTML 3Page - Vishay Siliconix REC110L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
110 L
Vishay Sfernice
Document Number: 54012
Revision 20-Nov-02
www.vishay.com
32
For technical questions, contact sfer@vishay.com
Precision Linear Transducers, Conductive Plastic (REC)
SERIES
REC
MODEL
110
NUMBER
OF TRACKS
L
L= 1 track
THEORETICAL
ELECTRICAL TRAVEL
3
Times 25 mm
LINEARITY
D
A: ± 1 %
D : ± 0.1 %
E : ± 0.05%
F : ± 0.025%
OHMIC VALUE
103
First 2 digits are
significant numbers
3rd digit indicates
number of zeros
MODIFICATIONS
W...
Special feature
code number
ORDERING INFORMATION
ACCESSORIES ON REQUEST DIMENSIONS
in millimeters, general tolerance ± 1mm
58 max
56 max
8 max
Angular clearance
±15°
Clearance 3
Radial clearance in
X and Y ± 1.2mm
X
2) SPECIAL BALL JOINT
Vishay’s reference: 323654
1) FEMALE CONNECTOR
Vishay’s Reference: 328870



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com