Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWB1010 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # SWB1010
Description  Wideband RF Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

SWB1010 Datasheet(HTML) 2 Page - Coilcraft lnc.

  SWB1010 Datasheet HTML 1Page - Coilcraft lnc. SWB1010 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Wideband RF Transformers– SWB
Document 1070-2
Dot over
Pin #1
Dot over
Pin #1
0.310
7,87
0.310
7,87
max
max
0.225
5,72
0.225
5,72
0.100
2,54
0.025
0,64
0.100
2,54
0.012 × 0.020
0,30 × 0,50
Part
number
Internal
codes
0.30
7,62
0.100
2,54
0.100
2,54
max
max
0.025
0,64
dia typ
typ
For SSWB10XX, pins 2 and 5 are removed during manufacture.
For SWB20XX, pin 2 is removed during manufacture.
max
1
2
3
6
5
4
typ
typ
Part Marking
Recommended
Board Layout
0.03
0,76
0.06
1,52
0.520
13,2
0.402
10,2
0.10
2,5
0.10
2,5
1
2
3
6
5
4
Recommended
Land Pattern
0.520 ±0.010
13,21 ±0,25
0.300 ±0.010
7,62 ± 0,25
max
0.270
6,86
max
0.270
6,86
0.400
10,16 typ
0.157
4,0
SWBxxxx
XXXX Y
0.020
0,50 typ
0
5
10
15
2.5
5102050
100
200
IDC (mA)
10
MHz
Typical Attenuation vs Current
Typical Frequency Response
Dimensions are in
inches
mm
Attenuation measured on a network analyzer (re: 50 Ohms)
Document 1070-2 Revised 04/25/16
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
0
1
2
3
4
5
6
7
8
0.001
0.01
0.01
0.01
0.01
0.10
0.10
0.10
0.10
1.0
01.0
1.0
1.0
10
10
10
10
100
100
100
100
1000
1000
1000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
SWB1010, SWB2010, SWB3010
SWB1010-1, SWB2010-1, SWB3010-1
SWB1015, SWB3015
SWB1040, SWB2040, SWB3040
3 dB bandwidth 0.005 – 100 MHz
3 dB bandwidth 0.04 175 MHz
–
3 dB bandwidth 0.1 150 MHz
–3 dB bandwidth 0.2 300 MHz
–
DCN-736 Wideband RF Transformers – SWB
Document 1070-1 4.5mm +/-0.25mm to 4.0mm
+/-0.25mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com