Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTDLF2000LD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # TTDLF2000LD
Description  SMT Data Line EMI Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

TTDLF2000LD Datasheet(HTML) 2 Page - Coilcraft lnc.

  TTDLF2000LD Datasheet HTML 1Page - Coilcraft lnc. TTDLF2000LD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Data Line EMI Filters
Document 123-2
Document 123-2 Revised 08/20/15
0.155
3,94
max
0.198
5,03
max
1
8
4
5
0.320
8,13
max
0.030
0,76
0.050
1,27
cen
0.050
1,27
0.008
0,20
typ
ref
0.200
5,08
0.050
1,27
cen
0.030
0,76
0.060
1,52
Recommended
Land Pattern
8
1
72
63
54
0.200
5,08
8
1
7
2
6
3
5
4
TTDLF 4000, 4500
8
1
7
2
6
3
5
4
TTDLF 3000, 3500
8
1
7
2
6
3
5
4
TTDLF 2000, 2500
TTDLF 4x00, 3x00, 2x00
Packaging 500/7
″reel; 2200/13″ reel; Plastic tape: 16 mm wide,
0.3mm thick, 8 mm pocket spacing, 3.8 mm pocket depth
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com