Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA502CT Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPA502CT
Description  N-CHANNEL MOSFET FOR SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA502CT Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPA502CT Datasheet HTML 1Page - Renesas Technology Corp UPA502CT Datasheet HTML 2Page - Renesas Technology Corp UPA502CT Datasheet HTML 3Page - Renesas Technology Corp UPA502CT Datasheet HTML 4Page - Renesas Technology Corp UPA502CT Datasheet HTML 5Page - Renesas Technology Corp UPA502CT Datasheet HTML 6Page - Renesas Technology Corp UPA502CT Datasheet HTML 7Page - Renesas Technology Corp UPA502CT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
µPA502CT
R07DS1277EJ0200 Rev.2.00
Page 3 of 6
Jul 06, 2015
Typical Characteristics (TA = 25
C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125 150
175
TA – Ambient Temperature -
C
TA – Ambient Temperature -
C
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
20
40
60
80
100
120
140
160
180
200
02
1
Pulsed
VGS =10 V
4.5 V
VDS - Drain to Source Voltage - V
0.0001
0.001
0.01
0.1
1
0
1
2345
VDS=5 V
Pulsed
TA =125°C
75°C
25°C
–25°C
VGS - Gate to Source Voltage – V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1
1.5
2
2.5
3
-50
0
50
100
150
VDS = VGS
ID = 250
 A
Tch - Channel Temperature -
C
0.01
0.1
1
0.01
0.1
1
VDS=5 V
Pulsed
TA =125°C
75°C
25°C
–25°C
ID - Drain Current - A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com