Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP121/123 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP121/123
Description  2째C Accurate Digital Temperature Sensor with SPI Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP121/123 Datasheet(HTML) 4 Page - Texas Instruments

  TMP121/123 Datasheet HTML 1Page - Texas Instruments TMP121/123 Datasheet HTML 2Page - Texas Instruments TMP121/123 Datasheet HTML 3Page - Texas Instruments TMP121/123 Datasheet HTML 4Page - Texas Instruments TMP121/123 Datasheet HTML 5Page - Texas Instruments TMP121/123 Datasheet HTML 6Page - Texas Instruments TMP121/123 Datasheet HTML 7Page - Texas Instruments TMP121/123 Datasheet HTML 8Page - Texas Instruments TMP121/123 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TMP125
SBOS323A − DECEMBER 2004 − REVISED JUNE 2005
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = −40°C to +125°C and VS = +2.7V to 5.5V, unless otherwise noted.
45
40
35
30
25
20
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
254565
85
105
125
V
S =5.5V
Active Conversion
Serial Bus Inactive
80
75
70
65
60
55
50
45
40
CONVERSION TIME vs TEMPERATURE
Temperature (
_C)
V
S =5.5V
5 Typical Units Shown
−55 −35 −15
5
25
45
65
85
105
125
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
TEMPERATURE ACCURACY vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
456585
105
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com