Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP320C50KGD Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP320C50KGD
Description  DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C50KGD Datasheet(HTML) 2 Page - Texas Instruments

  TMP320C50KGD Datasheet HTML 1Page - Texas Instruments TMP320C50KGD Datasheet HTML 2Page - Texas Instruments TMP320C50KGD Datasheet HTML 3Page - Texas Instruments TMP320C50KGD Datasheet HTML 4Page - Texas Instruments TMP320C50KGD Datasheet HTML 5Page - Texas Instruments TMP320C50KGD Datasheet HTML 6Page - Texas Instruments TMP320C50KGD Datasheet HTML 7Page - Texas Instruments TMP320C50KGD Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TMP320C50KGD, TMP320LC50KGD
DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIE
SGZS008C -- JULY 1996 -- REVISED JUNE 2000
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
description (continued)
With the addition of the IDLE2 instruction, the ’C5x achieves low-power consumption. IDLE2 removes the
functional clock from the internal hardware of the ’C5x that puts it into a total-sleep mode using only 5 μA.
A low-logic level on an external interrupt with chip duration of at least five clock cycles ends the IDLE2 mode.
TMP PRODUCT FLOW; 40 AND 57 MHz
Multiprobe
dc test @ 25°C
Test conditions
Per commercial data sheet
DC test
Hot chuck probe @ 85°C
AC test
Hot chuck probe @ 85°C @ Speed
Visual
40x
Warranty
Datasheet upon shipment, 1 year
For electrical and timing specifications, see the TMS320C5x, TMS320LC5x Digital Signal Processors data
sheet (literature number SPRS030).
SPECIFIC DIE-RELATED INFORMATION
Die Size (approximate)
358 mils x 338 mils
Die Thickness
11 mils  1mil
Backside Surface Finish
SIO2
Die Backside Potential
Floating
Max Allowable Die Junction Operating Temperature
125°C
Glassivation Material and Thickness
3KAOX/9KACN
Recommended Packing
GEL PAK
Die Attach Information
SILVER GLASS
Suggested Bond Wire Size
1.25 AL
Suggested Bonding Method
WEDGE
ESD Sensitivity
Class II
Max Allowable Process Temperature for Die Attach
450°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com