Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2426 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2426
Description  THE RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2426 Datasheet(HTML) 1 Page - Texas Instruments

  TLE2426 Datasheet HTML 1Page - Texas Instruments TLE2426 Datasheet HTML 2Page - Texas Instruments TLE2426 Datasheet HTML 3Page - Texas Instruments TLE2426 Datasheet HTML 4Page - Texas Instruments TLE2426 Datasheet HTML 5Page - Texas Instruments TLE2426 Datasheet HTML 6Page - Texas Instruments TLE2426 Datasheet HTML 7Page - Texas Instruments TLE2426 Datasheet HTML 8Page - Texas Instruments TLE2426 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLE2426, TLE2426Y
THE “RAIL SPLITTER”
PRECISION VIRTUAL GROUND
SLOS098D – AUGUST 1991 – REVISED MAY 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 1/2 VI Virtual Ground for Analog Systems
D Self-Contained 3-terminal TO-226AA
Package
D Micropower Operation... 170 µA Typ,
VI = 5 V
D Wide VI Range...4 V to 40 V
D High Output-Current Capability
– Source...20 mA Typ
– Sink...20 mA Typ
D Excellent Output Regulation
– – 45
µV Typ at IO = 0 to –10 mA
– +15
µV Typ at IO = 0 to +10 mA
D Low-Impedance Output... 0.0075 Ω Typ
D Noise Reduction Pin (D, JG, and P
Packages Only)
description
In signal-conditioning applications utilizing a
single power source, a reference voltage equal to
one-half the supply voltage is required for
termination of all analog signal grounds. Texas
Instruments presents a precision virtual ground
whose output voltage is always equal to one-half
the input voltage, the TLE2426 “rail splitter.”
The unique combination of a high-performance,
micropower operational amplifier and a precision-
trimmed divider on a single silicon chip results in
a precise VO/VI ratio of 0.5 while sinking and
sourcing current. The TLE2426 provides a low-
impedance output with 20 mA of sink and source
capability while drawing less than 280
µA
of supply current over the full input range of 4 V to 40 V. A designer need not pay the price in terms of board
space for a conventional signal ground consisting of resistors, capacitors, operational amplifiers, and voltage
references. The performance and precision of the TLE2426 is available in an easy-to-use, space saving,
3-terminal LP package. For increased performance, the optional 8-pin packages provide a noise-reduction pin.
With the addition of an external capacitor (CNR), peak-to-peak noise is reduced while line ripple rejection is
improved.
Initial output tolerance for a single 5-V or 12-V system is better than 1% with 3.6% over the full 40-V input range.
Ripple rejection exceeds 12 bits of accuracy. Whether the application is for a data acquisition front end, analog
signal termination, or simply a precision voltage reference, the TLE2426 eliminates a major source of system
error.
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL
OUTLINE
(D)
CERAMIC
DIP
(JG)
PLASTIC
(LP)
PLASTIC
DIP
(P)
CHIP
FORM
(Y)
0
°C to 70°C
TLE2426CD
TLE2426CLP
TLE2426CP
–40
°C to 85°C
TLE2426ID
TLE2426ILP
TLE2426IP
TLE2426Y
–55
°C to 125°C
TLE2426MD
TLE2426MJG
TLE2426MLP
TLE2426MP
The D and LP packages are available taped and reeled in the commercial temperature range only. Add R suffix
to the device type (e. g., TLC2426CDR). Chips are tested at 25
°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1998, Texas Instruments Incorporated
VO
VI
4
2
0
8
6
0
0.25
0.5
0.75
1
t – Time – s
INPUT/OUTPUT TRANSFER CHARACTERISTICS
10
V
O +
V
I
2
VI
VO


Similar Part No. - TLE2426

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2426 TI2-TLE2426 Datasheet
440Kb / 17P
THE “RAIL SPLITTER” PRECISION VIRTUAL GROUND
REVISED JUNE 2008
TLE2426 TI2-TLE2426 Datasheet
796Kb / 31P
THE “RAIL SPLITTER” PRECISION VIRTUAL GROUND
REVISED MAY 1998
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP Datasheet
763Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-EP TI2-TLE2426-EP Datasheet
462Kb / 17P
RAIL SPLITTER PRECISION VIRTUAL GROUND
JUNE 2006
More results

Similar Description - TLE2426

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H5009-5012 INTERSIL-H5009-5012 Datasheet
26Kb / 3P
Virtual Ground Analog Switch
May 1999
logo
Texas Instruments
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
PRECISION VIRTUAL GROUND
logo
Linear Technology
LT1716 LINER-LT1716 Datasheet
353Kb / 12P
SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
logo
Texas Instruments
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-Q1 TI1-TLE2426-Q1 Datasheet
235Kb / 15P
THE "RAIL SPLITTER" PRECISION VIRTUAL GROUND
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
PRECISION VIRTUAL GROUND
TLE2425CLP TI1-TLE2425CLP Datasheet
451Kb / 22P
PRECISION VIRTUAL GROUND
TLE2426IDRG4 TI1-TLE2426IDRG4 Datasheet
1Mb / 30P
THE RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP_16 Datasheet
763Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
Pepperl+Fuchs Inc.
ZH-Z.LL PF-ZH-Z.LL Datasheet
102Kb / 1P
Ground Rail Feed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com