Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV809LG-G Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV809LG-G
Description  Off-Line, High Voltage EL Lamp Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV809LG-G Datasheet(HTML) 2 Page - Supertex, Inc

  HV809LG-G Datasheet HTML 1Page - Supertex, Inc HV809LG-G Datasheet HTML 2Page - Supertex, Inc HV809LG-G Datasheet HTML 3Page - Supertex, Inc HV809LG-G Datasheet HTML 4Page - Supertex, Inc HV809LG-G Datasheet HTML 5Page - Supertex, Inc HV809LG-G Datasheet HTML 6Page - Supertex, Inc HV809LG-G Datasheet HTML 7Page - Supertex, Inc HV809LG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Supertex inc.
www.supertex.com
Doc.# DSFP-HV809
B071013
HV809
Absolute Maximum Ratings
Parameter
Value
HV
IN, High voltage input
+210V
V
DD, Internal supply voltage
+15V
Operating temperature range
-25°C to +85°C
Storage temperature range
-55°C to +150°C
Power dissipation:
8-Lead SOIC
8-Lead SOIC w/ Heat Slug
7-Lead TO-220*
500mW
1.5 Watts
15Watts
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
Pin Configuration
Product Marking
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
HV809K2
LLLLLLLLL
YYWW
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
YWW
HV809
LLLL
8-Lead SOIC
7-Lead TO-220
Sym
Parameter
Min
Typ
Max
Units Conditions
Recommended Operating Conditions
HV
IN
High voltage input
50
-
200
V
---
C
L
Load capacitance
-
-
350
nF
R
EL = 1.0MΩ, HVIN = 170V
-
-
150
nF
R
EL = 390kΩ, HVIN = 170V
T
A
Operating temperature
-25
-
85
O
C
---
7-Lead TO-220
(front view)
8-Lead SOIC
(top view)
1 2 3 4 5 6 7
Pin 1: Osc1
Pin 2: VDD
Pin 3: REL-Osc
Pin 4: GND
Pin 5: VB
Pin 6: VA
Pin 7: HVIN
Tab: GND
1
2
3
4
8
7
6
5
HVIN
VDD
Osc2
Osc1
VA
VB
GND
REL-Osc
1
2
3
4
8
7
6
5
HVIN
VDD
Osc2
Osc1
VA
VB
GND
REL-Osc
Heat Slug
8-Lead SOIC w/ Heat Slug
(top view)
(Heat slug is at ground potential)
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
* With external heat sink mounted, refer to App Note AN-H36.
Ordering Information
Part Number Package Option
Packing
HV809K2-G
7-Lead TO-220
50/Tube
HV809LG-G
8-Lead SOIC
2500/Reel
HV809SG-G
8-Lead SOIC w/ heat slug 2500/Reel
-G denotes a lead (Pb)-free / RoHS compliant package
Typical Thermal Resistance
Package
θ
ja
7-Lead TO-220
29OC/W
8-Lead SOIC
101OC/W
8-Lead SOIC w/ heat slug
84OC/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com