Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CEKJ Datasheet(PDF) 2 Page - Dubilier

Part # CEKJ
Description  ELECTROLYTIC MINIATURE - 105째C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CEKJ Datasheet(HTML) 2 Page - Dubilier

  CEKJ Datasheet HTML 1Page - Dubilier CEKJ Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
MAXIMUM RIPPLE CURRENT (mA) 120Hz/105˚C
CAPACITORS
ELECTROLYTIC MINIATURE - 105˚C CEKJ
RANGE & CASE SIZE (mm) øD x L
OUTLINE DRAWING
µF / WV
6.3
10
16
25
35
50
0.1
4x7
0.22
4x7
0.33
4x7
0.47
4x7
1
4x7
2.2
4x7
3.3
4x7
4.7
4x7 5x7
10
4x7 4x7 5x7 6.3x7
22
4x7 5x7 5x7 6.3x7
33
4x7 4x7 5x7 5x7 6.3x7
47
4x7 4x7 5x7 6.3x7
100
5x7 6.3x7 6.3x7
220
6.3x7 6.3x7
øD
4
5
6.3
P
1.5
2.0
2.5
ød
0.45 0.45 0.45
a
1.0
1.0
1.0
b
0.5
0.5
0.5
L + 1
15 min
5
min
d ø
Vinyl Sleeve
P
D ø+0.5
±
0.5
µF / WV
6.3
10
16
25
35
50
0.1
1.0
0.22
2.3
0.33
3.5
0.47
5.0
1
10
2.2
19
3.3
24
4.7
24
29
10
29
31
36
44
22
32
44
48
58
33
38
45
52
56
65
47
40
47
55
62
100
60
78
87
220
110 120
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com