Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS485M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS485M
Description  Low Power RS-485/RS-422 Multipoint Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS485M Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS485M Datasheet HTML 2Page - National Semiconductor (TI) DS485M Datasheet HTML 3Page - National Semiconductor (TI) DS485M Datasheet HTML 4Page - National Semiconductor (TI) DS485M Datasheet HTML 5Page - National Semiconductor (TI) DS485M Datasheet HTML 6Page - National Semiconductor (TI) DS485M Datasheet HTML 7Page - National Semiconductor (TI) DS485M Datasheet HTML 8Page - National Semiconductor (TI) DS485M Datasheet HTML 9Page - National Semiconductor (TI) DS485M Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications Information
The DS485 is a low power transceiver designed for use in
RS-485 multipoint applications. The DS485 can transmit
data up to 2.5 Mbps based on a ratio of driver transition time
to the unit interval (bit time) of 10%. This maximum data rate
may be further limited by the interconnecting media. The
DS485 provides a standard unit load to the RS-485 bus
across the common mode range of −7V to +12V. This allows
up to 32 transceivers (standard unit load) to be connected to
the bus. More transceivers may be connected to the bus if
they support a reduced unit load (see DS36C278). The
DS485 also guarantees the driver’s output differential volt-
age into a worst case load that models standard termination
loads and 32 unit loads referenced to the maximum common
mode voltage extremes. With a minimum of 1.5V swing into
this load, a 1.3V differential noise margin is supported along
with the standard common mode rejection range of the re-
ceivers.
Due to the multipoint nature of the bus, contention between
drivers may occur. This will not cause damage to the drivers
since they feature short-circuit protection and also thermal
shutdown protection. Thermal shutdown senses die tem-
perature and puts the driver outputs into TRI-STATE if a fault
condition occurs that causes excessive power dissipation
which can elevate the junction temperature to +150˚C.
A typical multipoint application is shown in the following fig-
ure. Note that termination is typically required but is only lo-
cated at the two ends of the cable (not on every node). Com-
monly pull up and pull down resistors may be required at one
end of the bus to provide a failsafe bias. These resistors pro-
vide a bias to the line when all drivers are in TRI-STATE. See
National Application Note 847 for a complete discussion of
failsafe biasing of differention buses.
Multipoint RS-485 Application
DS012880-16
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com