Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE2426CLP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2426CLP
Description  THE RAIL SPLITTER PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2426CLP Datasheet(HTML) 2 Page - Texas Instruments

  TLE2426CLP Datasheet HTML 1Page - Texas Instruments TLE2426CLP Datasheet HTML 2Page - Texas Instruments TLE2426CLP Datasheet HTML 3Page - Texas Instruments TLE2426CLP Datasheet HTML 4Page - Texas Instruments TLE2426CLP Datasheet HTML 5Page - Texas Instruments TLE2426CLP Datasheet HTML 6Page - Texas Instruments TLE2426CLP Datasheet HTML 7Page - Texas Instruments TLE2426CLP Datasheet HTML 8Page - Texas Instruments TLE2426CLP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLE2426, TLE2426Y
THE “RAIL SPLITTER”
PRECISION VIRTUAL GROUND
SLOS098D – AUGUST 1991 – REVISED MAY 1998
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The C-suffix devices are characterized for operation from 0
°C to 70°C. The I suffix devices are characterized
for operation from – 40
°C to 85°C. The M suffix devices are characterized over the full military temperature range
of – 55
°C to 125°C.
OUT
IN
COMMON
1
2
3
4
8
7
6
5
OUT
COMMON
IN
NC
NOISE REDUCTION
NC
NC
NC
D, JG, OR P PACKAGE
(TOP VIEW)
NC – No internal connection
LP PACKAGE
(TOP VIEW)
TLE2426Y chip information
This chip, properly assembled, displays characteristics similar to the TLE2426C. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
CHIP THICKNESS:
15 MILS TYPICAL
BONDING PADS:
4
× 4 MILS MINIMUM
TJmax = 150°C
TOLERANCES ARE
±10%.
ALL DIMENSIONS ARE IN
MILS.
60
88
OUT
(1)
(2)
(8)
(3)
NOISE
REDUCTION
IN
COMMON
+1
NOTE A:
Both bonding pads numbered 1, both numbered 2,
and both numbered 3, must be bonded out to the
corresponding functions pin.
(3) (3)
(2)
(2)
(1)
(1)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com