Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLLA Datasheet(PDF) 2 Page - Dubilier

Part # CLLA
Description  ALUMINIUM ELECTROLYTIC LOW - LEAKAGE CURRENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

CLLA Datasheet(HTML) 2 Page - Dubilier

  CLLA Datasheet HTML 1Page - Dubilier CLLA Datasheet HTML 2Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
47
UF/Volts
6.3v
10v
16v
25v
35v
50v
63v
100v
0.47uf
5x11
5x11
5x11
1.0uf
5x11
5x11
5x11
2.2uf
5x11
5x11
5x11
3.3uf
5x11
5x11
5x11
4.7uf
5x11
5x11
5x11
5x11
5x11
10uf
5x11
5x11
5x11
5x11
5x11
6.3x11
22uf
5x11
5x11
5x11
5x11
6.3x11
6.3x11
8x11
33uf
5x11
5x11
5x11
5x11
5x11
6.3x11
8x11
10x12
47uf
5x11
5x11
5x11
5x11
6.3x11
6.3x11
8x11
10x16
100uf
5x11
5x11
6.3x11
6.3x11
8x11
10x12
10x12
13x20
220uf
6.3x11
6.3x11
8x11
8x11
10x12.5
10x16
13x20
18x36
330uf
6.3x11
8x11
8x11
10x12
10x16
10x20
13x20
18x40
470uf
8x11.5
8x11
10x12.5
10x16
10x20
13x25
18x36
1000uf
10x13
10x16
10x20
13x20
18x36
18x40
2200uf
13x20
13x20
18x36
18x40
3300uf
13x20
16x36
18x40
4700uf
18x36
18x40
UF/Volts
6.3v
10v
16v
25v
35v
50v
63v
100v
0.47uf
5
7
5
1.0uf
10
1
10
2.2uf
14
30
18
3.3uf
21
36
24
4.7uf
18
21
45
27
27
10uf
24
30
33
39
42
45
22uf
33
45
48
97
57
69
78
33uf
33
48
54
57
63
75
84
102
47uf
45
57
66
69
84
90
114
138
100uf
78
81
105
111
138
250
180
240
220uf
272
198
180
590
222
910
640
1010
330uf
388
198
216
252
294
398
750
1377
470uf
507
234
282
324
384
825
1385
1000uf
896
378
474
570
1723
2070
2200uf
1513
660
1100
2174
3300uf
1902
2155
2250
4700uf
2272
2560
CAPACITORS
ALUMINIUM ELECTROLYTIC LOW-LEAKAGE CLLA
Additional case sizes may be available please ask.
120 Hz, 85˚ mA, rms)
L + 1
15 min
5
min
d ø
Vinyl Sleeve
P
D ø+0.5
±
0.5
Dø
5
6.3
8
10
P
2.0
2.5
3.5
5.0
dø
0.5
0.6
RANGE
PERMISSIBLE RIPPLE CURRENT
OUTLINE DRAWING
www.dubilier.co.uk



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com