Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR200 Datasheet(PDF) 2 Page - Dubilier

Part # DFR200
Description  Power Flame Proof Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DFR200 Datasheet(HTML) 2 Page - Dubilier

  DFR200 Datasheet HTML 1Page - Dubilier DFR200 Datasheet HTML 2Page - Dubilier DFR200 Datasheet HTML 3Page - Dubilier DFR200 Datasheet HTML 4Page - Dubilier DFR200 Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
129
Derating Curve
Resistors
Pulse Loading Capabilities
Packing Methods
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
Power Flame Proof Resistors
Rated Load (%)
70
?
100
80
60
40
20
20
40
60
80 100 120 140 155 180
Ambient Temperature (
? )
104
103
tp/ti=50
102
10
1
220R
10-1
10-5
10-4
10-3
10-2
10-1 ti (S)
4K7
1
tp/ti=1000
4R7
Pmax
(W)
100R
tp/ti=200
tp/ti=10
tp/ti=2
DFR400 Series:
Pulse on a regular basis;maximum permissible peak pulse power (P-max) as a
function of pulse duration (ti).
m
m
:t
i
n
U
E
L
Y
T
S
Normal
a
A
B1-B2
S
(spacing)
T(max. deviationof
spacing)
DFR050 6±0.5
52.4±1.0
1.2
10
DFR100 6±0.5
52.4±1.0
1.2
10
DFR200 6±0.5
52.4±1.0
1.2
10
DFR300 6±0.5
73±1.5
1.5
10
DFR400 6±0.5
73±1.5
1.5
10
1mmper 10spacing
0.5mmper 5spacing
DIMENSIONS
128
Tel: +44 (0) 1724 408710
www.dubilier.co.uk
Tel: +44 (0) 1724 408700
www.dubilier.co.uk



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com