Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS116
Description  Surface mount switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS116 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS116 Datasheet HTML 1Page - Diode Semiconductor Korea BAS116 Datasheet HTML 2Page - Diode Semiconductor Korea BAS116 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface mount switching diode
BAS116
FEATURES
Low leakage current applications.
Medium speed switching times.
Surface mount package ideally suited for automatic
Insertion.
APPLICATIONS
High speed switching application.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS116
JV
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Characteristic
Symbol
Limits
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VR
85
V
RMS Reverse Voltage
VR(RMS)
60
V
Forward Continuous Current
IFM
215
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current
@t=1.0μs
@t=1.0ms
@t=1.0s
IFSM
4.0
1.0
0.5
A
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to Ambient Air
RθJA
500
℃
/W
Operating Junction Temperature Range
Tj
150
℃
Storage Temperature Range
TSTG
-65 to +150
℃
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results

Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com