Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DXT49 Datasheet(PDF) 1 Page - Dubilier

Part # DXT49
Description  RESISTANCE WELDED HOLDER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DXT49 Datasheet(HTML) 1 Page - Dubilier

  DXT49 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
117
CRYSTALS
RESISTANCE WELDED HOLDER DXT49
20 Min
DXT49
13.5 Max
5 Max
Standard Frequencies available from stock
Temperature ranges -20°C to +70°C or -40°C to 85°C
Ageing ±5ppm/year max
Available range 1.8432MHz - 125.000MHz
DXT49
Series
A
Mode of
Operation
A-AT Cut Fund
T-3rd Overtone
V-5th Overtone
10.000
Frequency
MHz
20
Load
Capacitance
or Series
Resistance
Packaging
Blank = Std
3 = 3rd Lead
I = Insulator Tab
Lxx = Custom
Lead Length
TR = Tape and
Reel
XX
XX
Options
Frequency Temperature
Tolerance
Stability
ppm
ppm
Frequency Range (Fo)
1.8432MHZ to 125.000MHZ
Frequency Tolerance at 25°C
±30ppm (typ)*
±50ppm
Temperature Stability -20° + 70°
±50ppm (typ)*
±100ppm
Operating Temperature Range (TOPR)
20°C to 70°C
-40˚C to 85˚C
Storage Temperature Range (TSTG)
-40°C to 85°C
Shunt Capacitance (Co)
7pF Max
Load Capacitance (CL)
10 to 32pF or Series Resonant
Insulation Resistance
500 Megohms Minimum at 100Vdc
Drive Level
1mWatts Max
Ageing (at 25°C)
±5ppm/year Max
Frequency Range
Max
Mode
ESR (Ω)
1.800MHz to 1.999MHz
650Max
Fundamental
2.000MHz to 2.999MHz
500Max
Fundamental
3.000MHz to 3.499MHz
250Max
Fundamental
3.500MHz to 3.999MHz
150Max
Fundamental
4.000MHz to 4.999MHz
100Max
Fundamental
5.000MHz to 5.999MHz
80Max
Fundamental
6.000MHz to 7.999MHz
50Max
Fundamental
8.000MHz to 12.999MHz
35Max
Fundamental
13.000MHz to 30.999MHz
25Max
Fundamental
24.000MHz to 29.999MHz
60Max
3rd Overtone
30.00MHz to 80.000MHz
40Max
3rd Overtone
70.000Mhz to 125.000MHz
90Max
5th Overtone
*Other tolerance and temperatures available on request
ORDERING INFORMATION
EQUIVALENT SERIES RESISTANCE (ESR)
OUTLINE DRAWING
SPECIFICATION
MODE OF OPERATION (MODE)
Max
Dimensions in mm
www.dubilier.co.uk


Similar Part No. - DXT49

ManufacturerPart #DatasheetDescription
logo
Dubilier
DXT4910.000A20 DUBILIER-DXT4910.000A20 Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
DXT4910.000A203 DUBILIER-DXT4910.000A203 Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
DXT4910.000A20I DUBILIER-DXT4910.000A20I Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
DXT4910.000A20TR DUBILIER-DXT4910.000A20TR Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
DXT4910.000A20XXXX DUBILIER-DXT4910.000A20XXXX Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
More results

Similar Description - DXT49

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XT49U VISHAY-XT49U Datasheet
30Kb / 1P
Resistance Welded Holder Type Crystal Unit
16-Apr-03
logo
Vectron International, ...
VXE1 VECTRON-VXE1 Datasheet
61Kb / 2P
VXE1 Resistance Welded Crystal
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
Resistance Welded Miniature Crystal Units
18-Oct-07
logo
RSG Electronic Componen...
HC-49U RSG-HC-49U Datasheet
145Kb / 1P
RESISTANCE WELDED HOLDER TYPE CRYSTAL UNITS
UM-1 RSG-UM-1 Datasheet
73Kb / 1P
RESISTANCE WELDED MINIATURE CRYSTAL UNITS
logo
Dubilier
DXT4910.000A20XXXX DUBILIER-DXT4910.000A20XXXX Datasheet
72Kb / 1P
CRYSTALS RESISTANCE WELDED HOLDER DXT49
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_10 Datasheet
70Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
logo
Advanced Crystal Techno...
ACT_HC49_US_STANDARD ACT-ACT_HC49_US_STANDARD Datasheet
413Kb / 3P
family of competitively priced, resistance welded
20-03-2013
logo
TXC Corporation.
9B-SERIES TXC-9B-SERIES Datasheet
1,000Kb / 1P
Resistance welded type crystal units.
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1_V01 Datasheet
74Kb / 3P
Resistance Welded Miniature Crystal Units
09-Mar-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com