Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WD Datasheet(PDF) 2 Page - Dubilier

Part # WD
Description  CERAMIC DISC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

WD Datasheet(HTML) 2 Page - Dubilier

  WD Datasheet HTML 1Page - Dubilier WD Datasheet HTML 2Page - Dubilier WD Datasheet HTML 3Page - Dubilier WD Datasheet HTML 4Page - Dubilier WD Datasheet HTML 5Page - Dubilier WD Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6
TEMPERATURE CHARACTERISTICS
CAPACITORS
CERAMIC DISC WDC/WDK/WDF
TEMPERATURE CHARACTERISTICS CURVES
CLASS 1. CAPACITANCE TABLE (pF)
SPECIFICATION
W.V.
100
500
Dia MAX
5.5
6.5
7.5
8.5
10.5
12.5
5.5
6.5
8.5
10.5
Available
2.5
2.5
2.5
2.5
5
2.5
2.5
2.5
Lead
5
5
5
5
5
7.5
5
5
5
5
Spacing (F)
10
NP0
0.5-47
56-75
82-120
120-150
180-270
300-390
0.5-36
39-56
68-100
120-150
SL
10-120
150-240 270-330
360-470 500-820
-
10-82
100-150
180-220 240-390
5.0
4.0
3.0
2.0
1.0
0
1.0
2.0
3.0
4.0
55
35
15
5
25
45
65
85
TEMPERATURE ϒC
C
C
D max
3.0 max
0.6ø
or 0.5ø
F
Unit: mm
Operating Temperature Range
-25°C to 85°C
Rated Voltage
100, 500 VDC
Insulation Resistance @ 25°C
10,000 MΩ min at WVDC
Temperature Coefficient
As shown in the table and curves
Lead Wire
#24 or #22 AWG tinned copper wire, Pb free
Lead Spacing Tolerance
± 0.8mm
PPM/°C
T.C.
Colour
Symbol
0±60
NPO
Black
C
+350 ~ -1,000
S/L
-
G
CERAMIC DISC CAPACITORS LOW K 100V, 500V (TYPE WDC)
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com