Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WDF Datasheet(PDF) 3 Page - Dubilier

Part # WDF
Description  CERAMIC DISC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

WDF Datasheet(HTML) 3 Page - Dubilier

  WDF Datasheet HTML 1Page - Dubilier WDF Datasheet HTML 2Page - Dubilier WDF Datasheet HTML 3Page - Dubilier WDF Datasheet HTML 4Page - Dubilier WDF Datasheet HTML 5Page - Dubilier WDF Datasheet HTML 6Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
7
CAPACITORS
CERAMIC DISC WDC/WDK/WDF
TEMPERATURE CHARACTERISTICS
CLASS 2. CAPACITANCE TABLE (pF)
SPECIFICATION
Temperature Characteristic
As shown in the table and curves
Minimum Capacitance Tolerance
Temp Char
Min Cap Tol
Y5P
± 10%
Z5U
± 20%
Z5V
± 80-20%
Rated Voltage
100, 500 VDC
Insulation Resistance @ 25°C
10,000 MΩ min at WVDC
Lead Wire
#24 or #22 AWG tinned copper wire, Pb free
Lead Spacing Tolerance
±0.8mm
W.V.
100
Dia MAX
5.5
6.5
7.5
8.5
10
12.5
Available
2.5
2.5
2.5
2.5
Lead
5
5
5
5
5
Spacing (F)
Y5P
100-2000
2200-2700
3000-3300
3900-4700
5600-10000
-
2200, 3300
Z5U
4700, 5000
5600-8200
10000
12000-15000
18000-22000
-
4700, 5000,
Z5V
10000
10000-20000
20000-22000
22000-33000
33000-47000
-
W.V.
500
Available
2.5
2.5
2.5
2.5
Lead
5
5
5
5
5
5
Spacing (F)
10
Y5P
1500,
2200,
3300, 3900,
100-820
1000
1800, 2000
2700, 3000
4700, 5000
5600, 6800
Z5U
1500-2200
2200-3300
-
3900-6800
8200-10000
-
Z5V
-
-
-
10000
-
-
Note: Alternative lead pitches are available. Please contact our Technical Department for details.
Code
Temp Range
Cap. Change
Code
B
-25°C ~ +85°C
±10%
Y5P
F
+22% ~ -56%
Z5U
V
+10°C ~ +85°C
+22% ~ -82%
Z5V
D max
3.0 max
0.6ø
or 0.5ø
F
Unit: mm
CERAMIC DISC CAPACITORS MEDIUM-HIGH K 100V, 500V (TYPE WDK)
www.dubilier.co.uk



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com