Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS401L Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # RS401L
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RS401L Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  RS401L Datasheet HTML 1Page - Diode Semiconductor Korea RS401L Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.8
0.9
1.0
1.1
1.2
0.1
0.2
1.0
10
 
TJ=25
PulseWidth
=300uS
0.6
0.7
0.4
2.0
4.0
20
40
100
1.3
1.4
.01
10
0
40
60
20
TJ=100
100
120
140
80
TJ=25
.1
1
0
1
2
3
0
50
100
150
4
5
6 0Hz RE SIS T IV E O R
INDUCT IV E L O AD
20
0
30
10
100
60
90
120
150
8.3ms SINGLE HALF SINE-WAVE
(JEDEC METHOD)
FIG.1 -- TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
RS401L --- RS407L
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60HZ
FIG.2 -- MAXIMUM FORWARD SURGE CURRENT
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com