Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISM-1008-R01 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AISM-1008-R01
Description  SMD Molded Wound Chip inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISM-1008-R01 Datasheet(HTML) 2 Page - Abracon Corporation

  AISM-1008-R01 Datasheet HTML 1Page - Abracon Corporation AISM-1008-R01 Datasheet HTML 2Page - Abracon Corporation AISM-1008-R01 Datasheet HTML 3Page - Abracon Corporation AISM-1008-R01 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
| | | | | | | | | | | | | | |
AISM-1008
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
LOW PROFILE WIRE WOUND INDUCTOR (CERAMIC BASE)
Revised: 08.11.09
Part No.
L
(µH)
Tolerance
(%)
Q
typ.
Test Freq.
L, Q
(MHz)
SRF
(MHz)min.
DCR
(Ω) max.
Idc*
(mA)max.
AISM-1008-1R5
1.5
J
30
7.96
182
1.30
220
AISM-1008-1R8
1.8
J
30
7.96
135
1.45
210
AISM-1008-2R2
2.2
J
30
7.96
105
1.55
200
AISM-1008-2R7
2.7
J
30
7.96
70
1.70
195
AISM-1008-3R3
3.3
J
30
7.96
55
1.90
185
AISM-1008-3R9
3.9
J
30
7.96
48
2.1
180
AISM-1008-4R7
4.7
J
30
7.96
43
2.3
175
AISM-1008-5R6
5.6
J
25
7.96
42
2.5
170
AISM-1008-6R8
6.8
J
25
7.96
39
2.7
165
AISM-1008-8R2
8.2
J
25
7.96
36
3.05
160
AISM-1008-100
10
J
25
2.52
33
3.5
155
AISM-1008-120
12
J
25
2.52
30
3.8
150
AISM-1008-150
15
J
25
2.52
26
4.4
140
AISM-1008-180
18
J
25
2.52
24
4.8
130
AISM-1008-220
22
J
25
2.52
22
5.5
125
AISM-1008-270
27
J
25
2.52
21
6.3
115
AISM-1008-330
33
J
25
2.52
20
7.1
110
AISM-1008-390
39
J
20
2.52
18
9.5
90
AISM-1008-470
47
J
20
2.52
17
11.1
80
AISM-1008-560
56
J
20
2.52
16
12.1
75
AISM-1008-680
68
J
20
2.52
15
16.6
70
AISM-1008-820
82
J
20
2.52
13
19.0
66
AISM-1008-101
100
J
15
0.796
12
21.0
60
or when DC current flows
Tolerance : J=±5%;
Note:
* Rated current: Value obtained when current flows and the temperature has risen to 20
and the initial value of inductance has fallen by 10%, whichever is smaller.
AISM -1008 -
J -
Inductance
Packaging
Please refer to the tables
on page 2.
T
Tape and
Reel
OPTIONS AND PART IDENTIFICATION
1.8 x .098 x .079mm
SMD Molded Wound Chip inductor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com