Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0731045003 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0731045003
Description  50 Ohms, BNC Plug, Crimp, RG-141, RG-303 and RG-58 Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0731045003 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0731045003 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0731045003
Status:
Active
Overview:
BNC RF Connectors
Description:
50 Ohms, BNC Plug, Crimp, RG-141, RG-303 and RG-58 Cable, Non-Captive Center
Contact, Tray
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73104
Overview
BNC RF Connectors
Product Name
BNC
Style
Cable
UPC
800754341776
Wire/Cable Type
RG-141, RG-303, RG-58
Physical
Cable Attachment
Crimp
Gender
Plug
Keying to Mating Part
None
Net Weight
10.000/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73104-5003
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant with
Exemption 6(c)
REACH SVHC
Not Contained Per -
ED/21/2016 (20 June
2016)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
50 Image
ELV
Not Relevant
Search Parts in this Series
73104 Series
This document was generated on 07/15/2016
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0731045003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731045003 MOLEX6-0731045003_V01 Datasheet
42Kb / 1P
50 Ohms, BNC Plug Straight, Crimp, RG-141, RG-303 and RG-58 Cable, Tray
More results

Similar Description - 0731045003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0731000001 MOLEX11-0731000001 Datasheet
65Kb / 1P
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
0731713120 MOLEX11-0731713120 Datasheet
52Kb / 1P
50 Ohms, BNC, Plug, Crimp, RG-141, RG-303 and RG-58 Cable,
0731713170 MOLEX11-0731713170 Datasheet
52Kb / 1P
50 Ohms, BNC Plug, Crimp, RG-141, RG-303 and RG-58 Cable, Captive Contact
0731740083 MOLEX11-0731740083 Datasheet
52Kb / 1P
50 Ohms, BNC Plug, Crimp, RG-141, RG-303 and RG-58 Cable
0731740093 MOLEX11-0731740093 Datasheet
52Kb / 1P
50 Ohms, BNC Plug, Crimp, RG-141, RG-303 and RG-58 Cable,
0731740193 MOLEX11-0731740193 Datasheet
26Kb / 1P
50 Ohms, BNC Jack, RG-141, RG-303 and RG-58 Cable
0731000015 MOLEX11-0731000015 Datasheet
30Kb / 1P
50 Ohms, BNC Right-Angle Plug, Crimp, RG-141, RG-303 and RG-58 Cable
0731000001 MOLEX-0731000001_V01 Datasheet
58Kb / 1P
50 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-141, RG-303 and RG-58 Cable
0731045003 MOLEX6-0731045003_V01 Datasheet
42Kb / 1P
50 Ohms, BNC Plug Straight, Crimp, RG-141, RG-303 and RG-58 Cable, Tray
0731740193 MOLEX-0731740193_V01 Datasheet
27Kb / 1P
50 Ohms, BNC Jack, RG-141, RG-303 and RG-58 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com