Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AISC-1210-R47 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AISC-1210-R47
Description  SMD CERAMIC WIRE-WOUND INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1210-R47 Datasheet(HTML) 1 Page - Abracon Corporation

  AISC-1210-R47 Datasheet HTML 1Page - Abracon Corporation AISC-1210-R47 Datasheet HTML 2Page - Abracon Corporation AISC-1210-R47 Datasheet HTML 3Page - Abracon Corporation AISC-1210-R47 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
AISC-1210-xxx
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.28.12
Visit www.abracon.com for Terms & Conditions of Sale
SMD CERAMIC WIRE-WOUND INDUCTORS
FEATURES:
APPLICATIONS:
ELECTRICAL SPECIFICATIONS:
Pb RoHS
Compliant
PARAMETERS
ABRACON P/N:
AISC-01210-xxx Series
Operating temperature
-40°C to + 125°C
Storage temperature
PARAMETERS
3.65 x 2.95 x 2.70mm
• Exceptional high Q and SRF for high frequency applications
• Low DCR and high rated current
• Tight tolerances, many values at 2%
• Small size suitable for surface mounting
Epoxy coating protects wound wire
• Widely used in mobile phones
• Bluetooth, W-LAN. Broadband Network
• High Frequency Communication Circuits
• Camcorders, TVs and other electronic devices
Part Number
AISC-1210-
Inductance
Inductance
Tolerance
Min.
Quality
Factor
L/Q Test
Freq.
Max. DC
Resistance
Max. Rated
Current
Min. Self-resonant
Frequency
Units
nH
-
-
MHz
Ω
mA
MHz
Symbol
L
-
Q
Freq.
DCR
Ir
S.R.F
AISC-1210-3N9
3.9
J, K
30
100/300
0.05
1000
6000
AISC-1210-4N7
4.7
J, K
30
100/300
0.065
1000
5800
AISC-1210-8N2
8.2
J, K
30
100/300
0.07
1000
5500
AISC-1210-10N
10
G, J, K
40
100/300
0.08
1000
4000
AISC-1210-12N
12
G, J, K
40
100/300
0.08
1000
3200
AISC-1210-15N
15
G, J, K
40
100/300
0.10
1000
3200
AISC-1210-18N
18
G, J, K
50
100/300
0.10
1000
2800
AISC-1210-22N
22
G, J, K
50
100/300
0.10
1000
2200
AISC-1210-27N
27
G, J, K
50
100/300
0.11
1000
1800
AISC-1210-33N
33
G, J, K
55
100/300
0.11
1000
1800
AISC-1210-39N
39
G, J, K
55
100/300
0.12
1000
1500
AISC-1210-43N
43
G, J, K
55
100/300
0.12
1000
1500
AISC-1210-47N
47
G, J, K
55
100/300
0.13
1000
1500
AISC-1210-56N
56
G, J, K
55
100/300
0.14
1000
1450
AISC-1210-68N
68
G, J, K
55
100/300
0.15
900
1200
AISC-1210-82N
82
G, J, K
55
100/300
0.20
900
1000
AISC-1210-R10
100
G, J, K
55
100/300
0.20
850
900
AISC-1210-R12
120
G, J, K
60
100/300
0.25
800
800
AISC-1210-R15
150
G, J, K
60
100/300
0.25
750
700
AISC-1210-R18
180
G, J, K
60
50/300
0.30
700
650
AISC-1210-R22
220
G, J, K
60
50/300
0.40
770
650
AISC-1210-R27
270
G, J, K
40
50/300
0.40
630
580
AISC-1210-R33
330
G, J, K
45
50/150
0.58
590
580
AISC-1210-R39
390
G, J, K
45
50/150
0.58
530
510
AISC-1210-R47
470
G, J, K
45
50/150
0.80
490
480
AISC-1210-R56
560
G, J, K
45
35/150
1.10
460
420
-10ºC to +40ºC, 70% RH max.


Similar Part No. - AISC-1210-R47

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1210-R47 ABRACON-AISC-1210-R47 Datasheet
2Mb / 4P
Epoxy coating protects wound wire
12.28.12
More results

Similar Description - AISC-1210-R47

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com