Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC165 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC165
Description  High-Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC165 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD54HC165 Datasheet HTML 3Page - Texas Instruments CD54HC165 Datasheet HTML 4Page - Texas Instruments CD54HC165 Datasheet HTML 5Page - Texas Instruments CD54HC165 Datasheet HTML 6Page - Texas Instruments CD54HC165 Datasheet HTML 7Page - Texas Instruments CD54HC165 Datasheet HTML 8Page - Texas Instruments CD54HC165 Datasheet HTML 9Page - Texas Instruments CD54HC165 Datasheet HTML 10Page - Texas Instruments CD54HC165 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Test Circuits and Waveforms
FIGURE 3. SERIAL-SHIFT MODE
FIGURE 4. PARALLEL-LOAD MODE
FIGURE 5. PARALLEL-LOAD MODE
FIGURE 6. PARALLEL-LOAD MODE
FIGURE 7. SERIAL-SHIFT MODE
FIGURE 8. SERIAL-SHIFT MODE
FIGURE 9. SERIAL-SHIFT, CLOCK-INHIBIT MODE
CP OR CE
90%
10%
tr
tf
tW
tPHL
tPLH
Q7 OR Q7
tTLH
tTHL
1/fMAX
GND
90%
10%
VS
VS
PL
tW
tPLH
tPHL
Q7 OR Q7
INPUT LEVEL
VS
VS
tr
tf
INPUT D7
tPLH
Q7 OR Q7
tTLH
VS
GND
INPUT LEVEL
tTHL
tPHL
90%
10%
90%
10%
VALID
INPUTS D0-D7
tSU
PL
VS
tH
GND
INPUT LEVEL
INPUT LEVEL
GND
VS
VALID
INPUTS DS
CP OR CE
GND
GND
INPUT LEVEL
tH
tSU
INPUT LEVEL
PL
VS
tREC
CP OR CE
VS
INPUT LEVEL
GND
INPUT LEVEL
GND
CE INHIBITED
CP
tSU
CE
INHIBITED
GND
INPUT LEVEL
INPUT LEVEL
GND
tSU(L) tSU
CP
tSU(L)
CD54HC165, CD74HC165, CD54HCT165, CD74HCT165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com