Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138RMHR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138RMHR
Description  Highly Integrated Digital Controller for Isolated Power
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138RMHR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCD3138RMHR Datasheet HTML 2Page - Texas Instruments UCD3138RMHR Datasheet HTML 3Page - Texas Instruments UCD3138RMHR Datasheet HTML 4Page - Texas Instruments UCD3138RMHR Datasheet HTML 5Page - Texas Instruments UCD3138RMHR Datasheet HTML 6Page - Texas Instruments UCD3138RMHR Datasheet HTML 7Page - Texas Instruments UCD3138RMHR Datasheet HTML 8Page - Texas Instruments UCD3138RMHR Datasheet HTML 9Page - Texas Instruments UCD3138RMHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
UCD3138
SLUSAP2F – MARCH 2012 – REVISED NOVEMBER 2013
www.ti.com
Highly Integrated Digital Controller for Isolated Power
Check for Samples: UCD3138
1
Introduction
1.1
Features
1
– Synchronous Rectifier Soft On/Off
• Digital Control of up to 3 Independent
Feedback Loops
– Low IC Standby Power
– Dedicated PID based hardware
• Soft Start / Stop with and without Pre-bias
– 2-pole/2-zero configurable
• Fast Input Voltage Feed Forward Hardware
– Non-Linear Control
• Primary Side Voltage Sensing
• Up to 16MHz Error Analog to Digital Converter
• Copper Trace Current Sensing
(EADC)
• Flux and Phase Current Balancing for Non-
– Configurable Resolution as Small as
Peak Current Mode Control Applications
1mV/LSB
• Current Share Bus Support
– Automatic Resolution Selection
– Analog Average
– Up to 8x Oversampling
– Master/Slave
– Hardware Based Averaging (up to 8x)
• Feature Rich Fault Protection Options
– 14 bit Effective DAC
– 7 High Speed Analog Comparators
– Adaptive Sample Trigger Positioning
– Cycle-by-Cycle Current Limiting
• Up to 8 High Resolution Digital Pulse Width
– Programmable Fault Counting
Modulated (DPWM) Outputs
– External Fault Inputs
– 250ps Pulse Width Resolution
– 10 Digital Comparators
– 4ns Frequency Resolution
– Programmable blanking time
– 4ns Phase Resolution
• Synchronization of DPWM waveforms between
– Adjustable Phase Shift Between Outputs
multiple UCD3138 devices
– Adjustable Dead-band Between Pairs
• 14 channel, 12 bit, 267 ksps General Purpose
– Cycle-by-Cycle Duty Cycle Matching
ADC with integrated
– Up to 2MHz Switching Frequency
– Programmable averaging filters
• Configurable PWM Edge Movement
– Dual sample and hold
– Trailing Modulation
• Internal Temperature Sensor
– Leading Modulation
• Fully Programmable High-Performance
31.25MHz, 32-bit ARM7TDMI-S Processor
– Triangular Modulation
– 32 kByte (kB) Program Flash
• Configurable Feedback Control
– 2 kB Data Flash with ECC
– Voltage Mode
– 4 kB Data RAM
– Average Current Mode
– 4 kB Boot ROM Enables Firmware Boot-Load
– Peak Current Mode Control
in the Field via I2C or UART
– Constant Current
• Communication Peripherals
– Constant Power
– I2C/PMBus
• Configurable Modulation Methods
– 2 UARTs on UCD3138RGC (64-pin QFN)
– Frequency Modulation
– 1 UART on UCD3138RHA/UCD3138RMH
– Phase Shift Modulation
(40-pin QFN)
– Pulse Width Modulation
• Timer capture with selectable input pins
• Fast, Automatic and Smooth Mode Switching
• Up to 5 Additional General Purpose Timers
– Frequency Modulation and PWM
• Built In Watchdog: BOD and POR
– Phase Shift Modulation and PWM
• 64-pin QFN and 40-pin QFN packages
• High Efficiency and Light Load Management
• Operating Temperature: –40°C to 125°C
– Burst Mode
• Fusion_Digital_Power_Designer GUI Support
– Ideal Diode Emulation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2012–2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com