Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMD2 Datasheet(PDF) 3 Page - Rohm

Part # EMD2
Description  General purpose (dual digital transistors)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMD2 Datasheet(HTML) 3 Page - Rohm

  EMD2 Datasheet HTML 1Page - Rohm EMD2 Datasheet HTML 2Page - Rohm EMD2 Datasheet HTML 3Page - Rohm EMD2 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EMD2 / UMD2N / IMD2A
Transistors
Rev.A
3/3
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI=20
Ta=100˚C
25˚C
−40˚C
Fig.4 Output voltage vs. output
current
DTr2 (PNP)
OUTPUT CURRENT : IO
(A)
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
−100µ
−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
VO=
−0.3V
25˚C
100˚C
Ta=
−40˚C
Fig.5 Input voltage vs. output current
(ON characteristics)
0
−3
−10m
−1µ
−2m
−5m
−1m
−200µ
−500µ
−100µ
−20µ
−50µ
−10µ
−2µ
−5µ
−0.5
−1
−1.5
−2
−2.5
VCC=
−5V
INPUT VOLTAGE : VI (off)
(V)
Ta=100˚C
25˚C
−40˚C
Fig.6 Output current vs. input voltage
(OFF characteristics)
VO=
−5V
OUTPUT CURRENT : IO
(A)
1k
500
200
100
50
20
10
5
2
1
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
25˚C
−40˚C
Ta=100˚C
Fig.7 DC current gain vs. output
current
lO/lI=20
−100µ−1m
−10m
−100m
−200µ−2m
−20m
−500µ−5m
−50m
−1
−500m
−200m
−100m
−10m
−50m
−5m
−20m
−2m
−1m
OUTPUT CURRENT : IO
(A)
Ta=100˚C
25˚C
−40˚C
Fig.8 Output voltage vs. output
current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com