Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W02 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # W02
Description  REVERSE VOLTAGE - 50 to 1000Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

W02 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  W02 Datasheet HTML 1Page - Bruckewell Technology LTD W02 Datasheet HTML 2Page - Bruckewell Technology LTD W02 Datasheet HTML 3Page - Bruckewell Technology LTD W02 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.5WO_WOM SERIES
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 1.5 Amperes
Publication Order Number: [1.5WO_WOM]
© Bruckewell Technology Corporation Rev. A -2016
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Parameter
Symbol
W005
W01
W02
W04
W06
W08
W10
Unit
W005M
W01M
W02M
W04M
W06M
W08M
W10M
Maximum Forward Voltage Drop
Per Element at 1.5A Peak
VF
1.1
V
Maximum Reverse Current at
Rated TJ=25°C
DC Blocking Voltage TJ=100°C
IR
10.0
1.0
μA
mA
Operating junction temperature
range
TJ
-55 to +150
°C
storage temperature range
TSTG
-55 to +150
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com