Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70T Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAS70T
Description  Surface Mount Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAS70T Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAS70T Datasheet HTML 1Page - Diode Semiconductor Korea BAS70T Datasheet HTML 2Page - Diode Semiconductor Korea BAS70T Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Schottky Barrier Diode BAS70T/-04T/-05T/-06T
FEATURES
Low turn-on voltage.
Fast switching.
Ultra-small surface mount package.
BAS70T
BAS70-04T
PN junction guard ring for transient and
ESD protection.
BAS70-05T
BAS70-06T
APPLICATIONS
Schottky barrier diodes.
SOT-523
ORDERING INFORMATION
Type No.
Marking
Package Code
BAS70T
7C
SOT-523
BAS70-04T
7D
SOT-523
BAS70-05T
7E
SOT-523
BAS70-06T
7F
SOT-523
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VRRM
VRWM
VR
Peak repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
70
V
VR(RMS)
RMS reverse voltage
70
V
IF
Forward continuous voltage
200
mA
IFSM
Non-repetitive peak forward surge current
@t<1.0s
100
mA
Pd
Power dissipation
150
mW
RθJA
Thermal resistance junction to ambient
833
℃
/W
Tj,Tstg
Junction and Storage Temperature
-65~150
℃
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAS70T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
49Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30261 Rev. 4 - 2
BAS70T DIODES-BAS70T Datasheet
362Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30261 Rev. 9 - 2
logo
Guangdong Kexin Industr...
BAS70T KEXIN-BAS70T Datasheet
33Kb / 1P
Schottky Diode
logo
SeCoS Halbleitertechnol...
BAS70T SECOS-BAS70T Datasheet
388Kb / 2P
Schottky Barrier Rectifiers
logo
Diodes Incorporated
BAS70T DIODES-BAS70T Datasheet
125Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 July 2008
More results

Similar Description - BAS70T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com