Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF15005 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # DF15005
Description  SURFACE MOUNT MINI BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

DF15005 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  DF15005 Datasheet HTML 1Page - Bruckewell Technology LTD DF15005 Datasheet HTML 2Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF15005S - DF1510S
SURFACE MOUNT
MINI BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.5 Ampere
FEATURES :
* Glass passivated junction chip
* High current capability
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Terminals : Leads solderable per MIL-STD-202,
method 208 guaranteed
* Mounting position : Any
* Weight : 0.02 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°C ambient temperature unless otherwise specified.
60 Hz, resistive or inductive load.
SYMBOL
DF
15005
DF
1501S
DF
1502S
DF
1504S
DF
1506S
DF
1508S
DF
1510S
UNI
T
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
Rectified Current at Ta = 40°C
Maximum Peak Forward Surge Current
Single half sine wave Superimposed
on rated load (JEDEC Method)
Current Squared Time at t < 8.3 ms.
I
2t
10
A
2S
Maximum Instantaneous Forward Voltage
per element at IF = 1.5 A
Maximum DC Reverse Current
Ta = 25°C
IR
5.0
µA
at Rated DC Blocking Voltage
Ta = 125°C
IR(H)
500
µA
Typical Junction Capacitance per element (Note 1)
Cj
25
pF
Typical Thermal Resistance (Note 2)
R
θJA
40
°C/W
Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Units mounted on P.C.B. with 0.51 x 0.51” (13 x 13mm) copper pads
A
RATING
IF(AV)
IFSM
1.5
50
VF
1.1
V
A
Dimensions in inches and ( millimeters )
DFS
0.049(1.25)
0.038(0.95)
0.410(10.4)
0.360(9.4)
0.346(8.8)
0.307(7.8)
0.255(6.5)
0.245(6.2)
0.126(3.2)
0.102(2.6)
0.060(1.524)
0.040(1.016)
Max.0.009
(0.23)
~
~
0.205(5.2)
0.195(5.0)


Similar Part No. - DF15005

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
PACELEADER INDUSTRIAL
DF15005 PACELEADER-DF15005 Datasheet
179Kb / 2P
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Diotech Company.
DF15005 DIOTECH-DF15005 Datasheet
948Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
DF15005 FORMOSA-DF15005 Datasheet
144Kb / 6P
Bridge Rectifier
logo
First Silicon Co., Ltd
DF15005 FS-DF15005 Datasheet
191Kb / 2P
Bridge Rectifier
More results

Similar Description - DF15005

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MD005S FRONTIER-MD005S Datasheet
121Kb / 2P
0.8A MINI SURFACE MOUNT BRIDGE RECTIFIERS
MD005S-LFR FRONTIER-MD005S-LFR Datasheet
121Kb / 2P
0.8A MINI SURFACE MOUNT BRIDGE RECTIFIERS
logo
Nanjing International G...
B1S DGNJDZ-B1S Datasheet
109Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
HD01 DGNJDZ-HD01 Datasheet
101Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB1S DGNJDZ-MB1S Datasheet
360Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B1S-B10S DGNJDZ-B1S-B10S Datasheet
134Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MB05S DGNJDZ-MB05S Datasheet
143Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
logo
Bytesonic Electronics C...
MB1F BYTESONIC-MB1F Datasheet
550Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.4 2017/03/13
B1S BYTESONIC-B1S Datasheet
604Kb / 2P
MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
2017/5/17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com